Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT2953 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT2953
Description  Octal registered transceiver, inverting 3-State
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT2953 Datasheet(HTML) 6 Page - NXP Semiconductors

  74ABT2953 Datasheet HTML 1Page - NXP Semiconductors 74ABT2953 Datasheet HTML 2Page - NXP Semiconductors 74ABT2953 Datasheet HTML 3Page - NXP Semiconductors 74ABT2953 Datasheet HTML 4Page - NXP Semiconductors 74ABT2953 Datasheet HTML 5Page - NXP Semiconductors 74ABT2953 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Philips Semiconductors
Product specification
74ABT2953
Octal registered transceiver, inverting (3-State)
1995 Sep 06
6
TEST CIRCUIT AND WAVEFORMS
PULSE
GENERATOR
RT
VIN
VOUT
CL
RL
VCC
RL
7.0V
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74ABT
3.0V
1MHz
500ns
2.5ns
2.5ns
SWITCH POSITION
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SA00012
D.U.T.


Similar Part No. - 74ABT2953

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
logo
Fairchild Semiconductor
74ABT2952 FAIRCHILD-74ABT2952 Datasheet
93Kb / 8P
   Octal Registered Transceiver
74ABT2952CMSA FAIRCHILD-74ABT2952CMSA Datasheet
93Kb / 8P
   Octal Registered Transceiver
74ABT2952CMTC FAIRCHILD-74ABT2952CMTC Datasheet
93Kb / 8P
   Octal Registered Transceiver
74ABT2952CSC FAIRCHILD-74ABT2952CSC Datasheet
93Kb / 8P
   Octal Registered Transceiver
More results

Similar Description - 74ABT2953

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74F544 MOTOROLA-MC74F544 Datasheet
86Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, INVERTING, 3-STATE
logo
NXP Semiconductors
74F543 PHILIPS-74F543 Datasheet
119Kb / 16P
   Octal registered transceiver, non-inverting 3-State
1994 Dec 5
logo
Motorola, Inc
MC74F543 MOTOROLA-MC74F543 Datasheet
79Kb / 4P
   OCTAL REGISTERED TRANSCEIVER, NON-INVERTING, 3-STATE
logo
NXP Semiconductors
74LVC544A PHILIPS-74LVC544A Datasheet
90Kb / 10P
   Octal D-type registered transceiver, inverting 3-State
1998 Jul 29
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
   Registered transceiver, non-inverting 3-State
1989 Sep 22
74ABT2952 PHILIPS-74ABT2952 Datasheet
110Kb / 12P
   Octal registered transceiver 3-State
1998 Feb 11
MB2052 PHILIPS-MB2052 Datasheet
105Kb / 7P
   Dual octal registered transceiver 3-State
August 23, 1993
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
   Octal bus transceiver; 3-state; inverting
March 1988
logo
IK Semicon Co., Ltd
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
   Octal 3-State Inverting Bus Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com