Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL15C-05SADJV Datasheet(PDF) 2 Page - Artesyn Technologies

Part # SIL15C-05SADJV
Description  5Vin and 12Vin single output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL15C-05SADJV Datasheet(HTML) 2 Page - Artesyn Technologies

  SIL15C-05SADJV Datasheet HTML 1Page - Artesyn Technologies SIL15C-05SADJV Datasheet HTML 2Page - Artesyn Technologies SIL15C-05SADJV Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL15C Series
5Vin and 12Vin single output
DC/DC CONVERTERS
C Class Non-isolated
2
NEW Product
Notes
1
Measured as per recommended set-up. Cin = 270µF (20mΩ esr max,
Cout = 680µF (10mΩ esr max).
2
di/dt =
10A/µs, Vin = Nom, Tc = 25°C, load change = 0.50 lo max. to
0.75 lo max. and 0.75 lo max. to 0.50 lo max.
3
External input fusing is recommended.
4
Measured with external filter. See Application Note 131 for details.
5
Uses external resistor from trim pin to output ground. Min value = 485Ω
for 5V model, 280Ω for 12V model. See Application Note 131 for details.
6
Signal line assumed <3m in length
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
The standard unit with the suffix '-V' is for vertical mounting. To order a
unit with horizontal mounting, please add the suffix '-H' to the model
number, e.g. SIL15C-05SADJ-H.
9
Power-up is the time from application of DC input to Power Good
enabled. Remote ON/OFF is from ON/OFF asserted high to power good
enabled.
10 See Application Note 131 for operation above 50ºC.
11 See Application Note 131 for ripple current requirements.
12 These models have a wide trim output. 5Vin has an output of 0.9V to
3.3V and 12 Vin has an output of 0.9V to 5V. An external resistor adjusts
the output voltage.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(12)
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(8)
(MAX.)
(MIN.)
(MAX.)
50W
4.5 - 5.5VDC
N/A
0.9V - 3.3V
0A
15A
89%
±0.2%
±0.5%
SIL15C-05SADJ-V
75W
10.2 - 13.8VDC
N/A
0.9V - 5.0V
0A
15A
91%
±0.2%
±0.5%
SIL15C-12SADJ-V
Ripple and Noise Specification
Output
Model
Voltage
Pk - Pk
RMS
5V input models
0.9 to 2.5V
30mV
15mV
3.3V
40mV
15mV
12V input models
0.9 to 2.5V
50mV
20mV
3.3V to 5V
50mV
20mV
CAUTION: High internal temperatures. Ensure that unit is not user
accessible.
File Name: SIL15C.PDF Rev: 04 Mar 2003
SIL15C-12SADJ-V
Part Number System with Options
Rated Output Current
15 = 15Amps
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SIL = Single in Line
Performance
C= Cost Optimised
Input Voltage
05 = 4.5V - 5.5V
12 = 10.2V - 13.8V
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL15C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9V to 5.0V. When the SIL15C series converter leaves
the factory the output has been adjusted to the default voltage of 0.9V
Output Voltage Adjustment of the SIL15C Series
Mounting Option
V = Vertical Mount
H= Horizontal Mount


Similar Part No. - SIL15C-05SADJV

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL15C-05SADJ-VJ EMERSON-NETWORKPOWER-SIL15C-05SADJ-VJ Datasheet
204Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL15C-05SADJV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDCIP1001-B IRF-IRDCIP1001-B Datasheet
586Kb / 6P
   200kHz to 300kHz, 20A, 5VIN to 12VIN Single Phase Synchronous Buck Converter using iP1001
logo
Murata Manufacturing Co...
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
   Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
   Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
   Single and Dual Output
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
   Single and dual output
logo
Wall Industries,Inc.
DMW WALL-DMW_16 Datasheet
294Kb / 6P
   Single and Dual Output
logo
Emerson Network Power
NFS110-7902P EMERSON-NETWORKPOWER-NFS110-7902P Datasheet
426Kb / 5P
   Single and quad output
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com