Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C22-35LM Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P4C22-35LM
Description  ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C22-35LM Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P4C22-35LM Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C22-35LM Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C22-35LM Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C22-35LM Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C22-35LM Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C22-35LM Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
P4C422
minimum write recovery times by eliminating the “write
recovery glitch.” Reading is performed with chip selct one
(
CS
1) LOW, chip select two (CS 2) HIGH, write enable
(
WE) HIGH and output enable (OE) LOW. The informa-
tion stored in the addressed word is read out on the
noninverting outputs (O
0 through O3). The outputs of the
memory go to an inactive high impedance state whenever
chip select
one (
CS
1)
is HIGH, or during the write
operation when write enable (
WE) is LOW.
An active LOW write enable (
WE) controls the writing/
reading operation of the memory. When the chip select
one (
CS
1) and the write enable (WE) are LOW and the
chip select two (CS
2) is HIGH, the information on data
inputs (D
0
through D
3)
is written into the addressed
memory word and preconditions the output circuitry so
that true data is present at the outputs when the write
cycle is complete. This preconditioning operation insures
FUNCTIONAL DESCRIPTION
TRUTH TABLE
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10% except as noted, All Temperature Ranges)
(2)
Mode
CS
2
CS
CS
CS
CS
CS
1
WE
WE
WE
WE
WE
OE
OE
OE
OE
OE
Output
Standby
L
X
X
X
High Z
Standby
X
H
X
X
High Z
D
OUT Disabled
H
L
X
H
High Z
Read
H
L
H
L
D
OUT
Write
H
L
L
X
High Z
TIMING WAVEFORM OF READ CYCLE
Notes:
H = HIGH
L = Low
X = Don't Care
HIGH Z = Implies outputs are disabled or off. This
condition is defined as high impedance state
for the P4C422.
Sym.
t
RC
t
ACS
t
ZRCS
t
AOS
t
ZROS
t
AA
Read Cycle Time (5)
Chip Select Time (5)
Chip Select to High-Z (6)
Output Enable Time
Output Enable to High-Z (6)
Address Access Time (5)
-10*
Min Max
7.5
8
7.5
8
10
-12
Min
12
Max
8
10
8
10
12
-15
Min
15
Max
8
12
8
12
15
-20
Min
20
Max
12
15
12
15
20
-25
Min
25
Max
15
20
15
20
-35
Min
35
Max
Unit
ns
ns
ns
ns
ns
ns
25
*V
CC = 5V ± 5%
25
30
25
30
35
Parameter
12
ADDRESS
tRC
tAA
tACS
tAOS
tZROS
tZRCS
DATA VALID
CS1
CS2
OE
WE
DATA
A0–A7
O0–O3
OUTPUTS


Similar Part No. - P4C22-35LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1023 PYRAMID-P4C1023 Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CC PYRAMID-P4C1023-55CC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CI PYRAMID-P4C1023-55CI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJC PYRAMID-P4C1023-55CJC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJI PYRAMID-P4C1023-55CJI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
More results

Similar Description - P4C22-35LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C147 PYRAMID-P4C147 Datasheet
188Kb / 10P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com