Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS882ZV36BB-200I Datasheet(PDF) 1 Page - GSI Technology

Part # GS882ZV36BB-200I
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS882ZV36BB-200I Datasheet(HTML) 1 Page - GSI Technology

  GS882ZV36BB-200I Datasheet HTML 1Page - GSI Technology GS882ZV36BB-200I Datasheet HTML 2Page - GSI Technology GS882ZV36BB-200I Datasheet HTML 3Page - GSI Technology GS882ZV36BB-200I Datasheet HTML 4Page - GSI Technology GS882ZV36BB-200I Datasheet HTML 5Page - GSI Technology GS882ZV36BB-200I Datasheet HTML 6Page - GSI Technology GS882ZV36BB-200I Datasheet HTML 7Page - GSI Technology GS882ZV36BB-200I Datasheet HTML 8Page - GSI Technology GS882ZV36BB-200I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Rev: 1.03 3/2005
1/33
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
NoBL is a trademark of Cypress Semiconductor Corp.. NtRAM is a trademark of Samsung Electronics Co.. ZBT is a trademark of Integrated Device Technology, Inc.
GS882ZV18/36BB/D-333/300/250/200
9Mb Pipelined and Flow Through
Synchronous NBT SRAM
333 MHz–200 MHz
1.8 V VDD
1.8 V I/O
119-bump and 165-bump BGA
Commercial Temp
Industrial Temp
Features
• NBT (No Bus Turn Around) functionality allows zero wait
Read-Write-Read bus utilization; fully pin-compatible with
both pipelined and flow through NtRAM™, NoBL™ and
ZBT™ SRAMs
• 1.8 V +10%/–10% core power supply
• 1.8 V I/O supply
• User-configurable Pipeline and Flow Through mode
• ZQ mode pin for user-selectable high/low output drive
• IEEE 1149.1 JTAG-compatible Boundary Scan
• On-chip parity encoding and error detection
• LBO pin for Linear or Interleave Burst mode
• Pin-compatible with 2M, 4M, and 18M devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ Pin for automatic power-down
• JEDEC-standard 119-bump BGA and 165-bump FPBGA
packages
• Pb-Free 119-bump and 165-bump BGA packages available
Functional Description
The GS882ZV18/36B is a 9Mbit Synchronous Static SRAM.
GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other
pipelined read/double late write or flow through read/single
late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS882ZV18/36B may be configured by the user to
operate in Pipeline or Flow Through mode. Operating as a
pipelined synchronous device, in addition to the rising-edge-
triggered registers that capture input signals, the device
incorporates a rising edge triggered output register. For read
cycles, pipelined SRAM output data is temporarily stored by
the edge-triggered output register during the access cycle and
then released to the output drivers at the next rising edge of
clock.
The GS882ZV18/36B is implemented with GSI's high
performance CMOS technology and is available in JEDEC-
standard 119-bump BGA and 165-bump FPBGA packages.
Paramter Synopsis
-333
-300
-250
-200
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
3.0
2.5
3.3
2.5
4.0
3.0
5.0
ns
ns
Curr (x18)
Curr (x32/x36)
245
275
225
250
195
220
165
185
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
4.5
4.5
5.0
5.0
5.5
5.5
6.5
6.5
ns
ns
Curr (x18)
Curr (x32/x36)
195
220
180
200
155
175
140
155
mA
mA


Similar Part No. - GS882ZV36BB-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB-133 GSI-GS882Z18AB-133 Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB-133I GSI-GS882Z18AB-133I Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB-150 GSI-GS882Z18AB-150 Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB-150I GSI-GS882Z18AB-150I Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS882ZV36BB-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BT GSI-GS880Z18BT Datasheet
591Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com