Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS840E36AB-180 Datasheet(PDF) 1 Page - GSI Technology

Part # GS840E36AB-180
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840E36AB-180 Datasheet(HTML) 1 Page - GSI Technology

  GS840E36AB-180 Datasheet HTML 1Page - GSI Technology GS840E36AB-180 Datasheet HTML 2Page - GSI Technology GS840E36AB-180 Datasheet HTML 3Page - GSI Technology GS840E36AB-180 Datasheet HTML 4Page - GSI Technology GS840E36AB-180 Datasheet HTML 5Page - GSI Technology GS840E36AB-180 Datasheet HTML 6Page - GSI Technology GS840E36AB-180 Datasheet HTML 7Page - GSI Technology GS840E36AB-180 Datasheet HTML 8Page - GSI Technology GS840E36AB-180 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
GS840E18/32/36AT/B-190/180/166/150/100
256K x 18, 128K x 32, 128K x 36
4Mb Sync Burst SRAMs
190 MHz–100 MHz
3.3 V VDD
3.3 V and 2.5 V I/O
TQFP, BGA
Commercial Temp
Industrial Temp
Rev: 1.12 10/2004
1/31
© 1999, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipelined
operation
• Dual Cycle Deselect (DCD) operation
• 3.3 V +10%/–5% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipelined mode
• Byte Write (BW) and/or Global Write (GW) operation
• Common data inputs and data outputs
• Clock control, registered, address, data, and control
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC standard 100-lead TQFP or 119-Bump BGA package
• Pb-Free 100-lead TQFP package available
Functional Description
Applications
The GS840E18/32/36A is a 4,718,592-bit (4,194,304-bit for
x32 version) high performance synchronous SRAM with a 2-
bit burst address counter. Although of a type originally
developed for Level 2 Cache applications supporting high
performance CPUs, the device now finds application in
synchronous SRAM applications ranging from DSP main store
to networking chip set support. The GS84018/32/36A is
available in a JEDEC standard 100-lead TQFP or 119-Bump
BGA package.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst
control inputs (ADSP, ADSC, ADV), and write control inputs
(Bx, BW, GW) are synchronous and are controlled by a
positive-edge-triggered clock input (CK). Output enable (G)
and power down control (ZZ) are asynchronous inputs. Burst
cycles can be initiated with either ADSP or ADSC inputs. In
Burst mode, subsequent burst addresses are generated
internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or
interleave order with the Linear Burst Order (LBO) input. The
burst function need not be used. New addresses can be loaded
on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by
the user via the FT mode pin/bump (pin 14 in the TQFP and
bump 5R in the BGA). Holding the FT mode pin/bump low
places the RAM in Flow Through mode, causing output data to
bypass the Data Output Register. Holding FT high places the
RAM in Pipelined mode, activating the rising-edge-triggered
Data Output Register.
DCD Pipelined Reads
The GS840E18/32/36A is a DCD (Dual Cycle Deselect)
pipelined synchronous SRAM. SCD (Single Cycle Deselect)
versions are also available. DCD SRAMs pipeline disable
commands to the same degree as read commands. DCD RAMs
hold the deselect command for one full cycle and then begin
turning off their outputs just after the second rising edge of
clock.
Byte Write and Global Write
Byte write operation is performed by using byte write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write
control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS840E18/32/36A operates on a 3.3 V power supply and
all inputs/outputs are 3.3 V- and 2.5 V-compatible. Separate
output power (VDDQ) pins are used to de-couple output noise
from the internal circuit.
Parameter Synopsis
–190
–180
–166
–150
–100
Pipeline
3-1-1-1
tCycle
tKQ
IDD
5.3 ns
3.0 ns
370 mA
5.5 ns
3.0 ns
335 mA
6.0 ns
3.5 ns
310 mA
6.6 ns
3.8 ns
280 mA
10 ns
4.5 ns
190 mA
Flow
Through
2-1-1-1
tKQ
tCycle
IDD
7.5 ns
8.5 ns
245 mA
8 ns
9 ns
210 mA
8.5 ns
10 ns
190 mA
10 ns
12 ns
165 mA
12 ns
15 ns
135 mA


Similar Part No. - GS840E36AB-180

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E36B-100 GSI-GS840E36B-100 Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E36B-100I GSI-GS840E36B-100I Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E36B-150 GSI-GS840E36B-150 Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E36B-150I GSI-GS840E36B-150I Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E36B-166 GSI-GS840E36B-166 Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Similar Description - GS840E36AB-180

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com