Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS882V18BD-300 Datasheet(PDF) 1 Page - GSI Technology

Part # GS882V18BD-300
Description  512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS882V18BD-300 Datasheet(HTML) 1 Page - GSI Technology

  GS882V18BD-300 Datasheet HTML 1Page - GSI Technology GS882V18BD-300 Datasheet HTML 2Page - GSI Technology GS882V18BD-300 Datasheet HTML 3Page - GSI Technology GS882V18BD-300 Datasheet HTML 4Page - GSI Technology GS882V18BD-300 Datasheet HTML 5Page - GSI Technology GS882V18BD-300 Datasheet HTML 6Page - GSI Technology GS882V18BD-300 Datasheet HTML 7Page - GSI Technology GS882V18BD-300 Datasheet HTML 8Page - GSI Technology GS882V18BD-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
GS882V18/36BB/D-333/300/250/200
512K x 18, 256K x 36
9Mb SCD/DCD Sync Burst SRAMs
333 MHz–200 MHz
1.8 V VDD
1.8 V I/O
119- and 165-Bump BGA
Commercial Temp
Industrial Temp
Rev: 1.02 3/2005
1/36
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline operation
• Single/Dual Cycle Deselect selectable
• IEEE 1149.1 JTAG-compatible Boundary Scan
• On-chip read parity checking; even or odd selectable
• ZQ mode pin for user-selectable high/low output drive
• 1.8 V +10%/–10% core power supply
• 1.8 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to SCD x18/x36 Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 119- and 165-bump BGA packages
• Pb-Free 119-bump and 165-bump packages available
Functional Description
Applications
The GS882V18/36B is a 9,437,184-bit high performance
synchronous SRAM with a 2-bit burst address counter. Although
of a type originally developed for Level 2 Cache applications
supporting high performance CPUs, the device now finds
application in synchronous SRAM applications, ranging from
DSP main store to networking chip set support.
Controls
Addresses, data I/Os, chip enable (E1), address burst control
inputs (ADSP, ADSC, ADV), and write control inputs (Bx, BW,
GW) are synchronous and are controlled by a positive-edge-
triggered clock input (CK). Output enable (G) and power down
control (ZZ) are asynchronous inputs. Burst cycles can be initiated
with either ADSP or ADSC inputs. In Burst mode, subsequent
burst addresses are generated internally and are controlled by
ADV. The burst address counter may be configured to count in
either linear or interleave order with the Linear Burst Order (LBO)
input. The Burst function need not be used. New addresses can be
loaded on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by the
user via the FT mode . Holding the FT mode pin low places the
RAM in Flow Through mode, causing output data to bypass the
Data Output Register. Holding FT high places the RAM in
Pipeline mode, activating the rising-edge-triggered Data Output
Register.
SCD and DCD Pipelined Reads
The GS882V18/36B is a SCD (Single Cycle Deselect) and
DCD (Dual Cycle Deselect) pipelined synchronous SRAM.
DCD SRAMs pipeline disable commands to the same degree
as read commands. SCD SRAMs pipeline deselect commands
one stage less than read commands. SCD RAMs begin turning
off their outputs immediately after the deselect command has
been captured in the input registers. DCD RAMs hold the
deselect command for one full cycle and then begin turning off
their outputs just after the second rising edge of clock. The user
may configure this SRAM for either mode of operation using
the SCD mode input.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write
control inputs.
FLXDrive™
The ZQ pin allows selection between high drive strength (ZQ
low) for multi-drop bus applications and normal drive strength
(ZQ floating or high) point-to-point applications. See the
Output Driver Characteristics chart for details.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS882V18/36B operates on a 2.5 V or 3.3 V power
supply. All input are 3.3 V and 2.5 V compatible. Separate
output power (VDDQ) pins are used to decouple output noise
from the internal circuits and are 3.3 V and 2.5 V compatible.
Paramter Synopsis
-333
-300
-250
-200
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
3.0
2.5
3.3
2.5
4.0
3.0
5.0
ns
ns
Curr (x18)
Curr (x32/x36)
245
275
225
250
195
220
165
185
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
4.5
4.5
5.0
5.0
5.5
5.5
6.5
6.5
ns
ns
Curr (x18)
Curr (x32/x36)
195
220
180
200
155
175
140
155
mA
mA


Similar Part No. - GS882V18BD-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-200 GSI-GS882V37AB-200 Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-200I GSI-GS882V37AB-200I Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-225 GSI-GS882V37AB-225 Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB-225I GSI-GS882V37AB-225I Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
More results

Similar Description - GS882V18BD-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88218BB-V GSI-GS88218BB-V Datasheet
1Mb / 35P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218 GSI-GS88218 Datasheet
736Kb / 37P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88218AB GSI-GS88218AB Datasheet
1Mb / 38P
   512K x 18, 256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS88237BB-V GSI-GS88237BB-V Datasheet
1Mb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS882V37BB GSI-GS882V37BB Datasheet
1Mb / 27P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS88237BB GSI-GS88237BB Datasheet
760Kb / 29P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com