Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS8160F18T-6 Datasheet(PDF) 7 Page - GSI Technology

Part # GS8160F18T-6
Description  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS8160F18T-6 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS8160F18T-6 Datasheet HTML 3Page - GSI Technology GS8160F18T-6 Datasheet HTML 4Page - GSI Technology GS8160F18T-6 Datasheet HTML 5Page - GSI Technology GS8160F18T-6 Datasheet HTML 6Page - GSI Technology GS8160F18T-6 Datasheet HTML 7Page - GSI Technology GS8160F18T-6 Datasheet HTML 8Page - GSI Technology GS8160F18T-6 Datasheet HTML 9Page - GSI Technology GS8160F18T-6 Datasheet HTML 10Page - GSI Technology GS8160F18T-6 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
GS8160F18/32/36T-5.5/6/6.5/7/7.5/8.5
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.12 11/2004
7/22
© 1999, GSI Technology
Note:
There is a pull-down device on the ZZ pin, so this input pin can be unconnected and the chip will operate in the default states as specified in
the above tables.
Burst Counter Sequences
BPR 1999.05.18
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC, and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x32 and x36 versions.
Mode Pin Functions
Mode Name
Pin Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H
Interleaved Burst
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Byte Write Truth Table
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
HHHH
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
LLLLL
2, 3, 4
Write all bytes
L
XXXX
X
Note:
The burst counter wraps to initial state on the 5th clock.
Note:
The burst counter wraps to initial state on the 5th clock.
Linear Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
Interleaved Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Similar Part No. - GS8160F18T-6

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160F18BGT-5.5 GSI-GS8160F18BGT-5.5 Datasheet
855Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18BGT-5.5I GSI-GS8160F18BGT-5.5I Datasheet
855Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18BGT-5.5IV GSI-GS8160F18BGT-5.5IV Datasheet
860Kb / 21P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18BGT-5.5V GSI-GS8160F18BGT-5.5V Datasheet
860Kb / 21P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160F18BGT-6.5 GSI-GS8160F18BGT-6.5 Datasheet
855Kb / 22P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results

Similar Description - GS8160F18T-6

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT GSI-GS816018BT Datasheet
925Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18BT-V GSI-GS8160E18BT-V Datasheet
926Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8160EV18AT GSI-GS8160EV18AT Datasheet
490Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18 GSI-GS8161E18 Datasheet
946Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018BT-V GSI-GS816018BT-V Datasheet
927Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018 GSI-GS816018 Datasheet
810Kb / 28P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816036DGT-250IV GSI-GS816036DGT-250IV Datasheet
245Kb / 23P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS816118 ETC1-GS816118 Datasheet
901Kb / 36P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com