Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH16952DGG Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BH16952DGG
Description  16-bit registered transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BH16952DGG Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BH16952DGG Datasheet HTML 4Page - NXP Semiconductors BH16952DGG Datasheet HTML 5Page - NXP Semiconductors BH16952DGG Datasheet HTML 6Page - NXP Semiconductors BH16952DGG Datasheet HTML 7Page - NXP Semiconductors BH16952DGG Datasheet HTML 8Page - NXP Semiconductors BH16952DGG Datasheet HTML 9Page - NXP Semiconductors BH16952DGG Datasheet HTML 10Page - NXP Semiconductors BH16952DGG Datasheet HTML 11Page - NXP Semiconductors BH16952DGG Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16952
74ABTH16952
16-bit registered transceiver (3-State)
1998 Feb 25
8
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
tS(H)
ts(L)
Setup time
nAx to nCPAB or nBx to nCPBA
2
1.2
1.5
0.9
1.2
1.2
1.5
ns
th(H)
th(L)
Hold time
nAx to nCPAB or nBx to nCPBA
2
0.0
0.0
–1.2
–0.9
0.0
0.0
ns
ts(H)
ts(L)
Setup time
nCEAB to nCPAB, nCEBA to nCPBA
2
1.2
1.6
0.9
1.1
1.2
1.6
ns
th(H)
th(L)
Hold time
nCEAB to nCPAB, nCEBA to nCPBA
2
0.0
0.0
–1.1
–0.9
0.0
0.0
ns
tw(H)
tw(L)
nCPAB or nCPBA pulse width,
High or Low
1
3.3
2.5
2.6
1.0
3.3
2.5
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
nCPBA or
nCPAB
nAx or nBx
SH00073
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
nAx, nBx
nCEAB,
nCEBA
nCPAB,
nCPBA
ts(H)
th(H)
ts(L)
th(L)
SH00074
VM
VM
VM
VM
VM
VM
Waveform 2. Data Setup and Hold Times
nOEAB,
nOEBA
VM
tPZH
tPHZ
0V
VOH –0.3V
nAx, nBx
VM
VM
SH00075
VOH
Waveform 3. 3-State Output Enable Time to High Level and
Output Disable Time from High Level
nOEAB,
nOEBA
tPZL
tPLZ
VOL +0.3V
nAx, nBx
VM
VM
VM
SH00076
VOL
Waveform 4. 3-State Output Enable Time to Low Level and
Output Disable Time from Low Level


Similar Part No. - BH16952DGG

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC Datasheet
272Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC Datasheet
358Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC-TR ROHM-BH1600FVC-TR Datasheet
358Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC_10 Datasheet
272Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
More results

Similar Description - BH16952DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952 Datasheet
85Kb / 12P
   16-bit registered transceiver 3-State
1998 Sep 01
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com