Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C22-20PC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P4C22-20PC
Description  ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C22-20PC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P4C22-20PC Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C22-20PC Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C22-20PC Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C22-20PC Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C22-20PC Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C22-20PC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
P4C422
Grade(2)
Ambient Temp
Gnd
Vcc
Commercial
0
°C to 70°C
0V
5.0V
±10%
Military
–55
°C to 125°C
0V
5.0V
±10%
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
P4C422
Min
Max
V
OH
Output High Voltage
I
OH = –5.2 mA, VCC = Min.
2.4
V
V
OL
Output Low Voltage
I
OL = +8 mA, VCC = Min.
0.4
V
V
IH
Input High Voltage
2.1
V
V
IL
Input Low Voltage
0.8
V
V
CL
Input Clamp Diode Voltage
I
IN
= –10 mA
–1.5
V
I
IX
Input Load Current
GND
≤ V
IN ≤ VCC
–10
10
µA
I
OZ
Output Current (High Z)
V
OL≤ VOUT ≤ VOH ,
Output Disabled
–10
10
µA
I
OS
Output Short Circuit
V
CC= Max., VOUT = GND
90
mA
Current(3)
Symbol
Parameter
Test Conditions
Unit
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT = 0V
7
pF
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
I
OUT
DC Output Current
20
mA
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC + 0.5
V
(up to 7.0V)
T
A
Operating Temperature
– 55 to +125
°C
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. For test purposes, not more than one output at a time should be
shorted. Short circuit test duration should not exceed 30 seconds.
4. This parameter is sampled and not 100% tested.
5. Transition time is
≤ 3ns for 10, 12, and 15 ns products and ≤ 5ns for
20, 25, and 35 ns products, see Fig 1d. Timing is referenced at input
and output levels of 1.5V. The output loading is equivalent to the
specified I
OL/IOH with a load capacitance of 15 pF (10, 12) or
30 pF
(15, 20, 25, 35) as in Fig. 1a and 1b respectively.
6. Transition time is
≤ 3ns for 10, 12, and 15 ns products and ≤ 5ns for
20, 25, and 35 ns products, see Fig 1d. Transition is measured at
steady state HIGH level -500mV or steady state LOW level +500mV
on the output from a level on the input with load shown in Fig. 1c.
7. t
W is measured at tWSA = min.: tWSA is measured at tW = min.
POWER DISSIPATION CHARACTERISTICS VS. SPEED
Symbol
I
CC
Parameter
Dynamic Operating Current
Temperature
Range
Commercial
Military
-10
90
N/A
-12
90
N/A
-15
90
90
-20
90
90
-25
65
90
-35
65
90
Unit
mA
mA


Similar Part No. - P4C22-20PC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1023 PYRAMID-P4C1023 Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CC PYRAMID-P4C1023-55CC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CI PYRAMID-P4C1023-55CI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJC PYRAMID-P4C1023-55CJC Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
P4C1023-55CJI PYRAMID-P4C1023-55CJI Datasheet
335Kb / 11P
   LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
More results

Similar Description - P4C22-20PC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
P4C150 PYRAMID-P4C150 Datasheet
214Kb / 11P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C147 PYRAMID-P4C147 Datasheet
188Kb / 10P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com