Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880Z18BGT-200 Datasheet(PDF) 1 Page - GSI Technology

Part # GS880Z18BGT-200
Description  9Mb Pipelined and Flow Through Synchronous NBT SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880Z18BGT-200 Datasheet(HTML) 1 Page - GSI Technology

  GS880Z18BGT-200 Datasheet HTML 1Page - GSI Technology GS880Z18BGT-200 Datasheet HTML 2Page - GSI Technology GS880Z18BGT-200 Datasheet HTML 3Page - GSI Technology GS880Z18BGT-200 Datasheet HTML 4Page - GSI Technology GS880Z18BGT-200 Datasheet HTML 5Page - GSI Technology GS880Z18BGT-200 Datasheet HTML 6Page - GSI Technology GS880Z18BGT-200 Datasheet HTML 7Page - GSI Technology GS880Z18BGT-200 Datasheet HTML 8Page - GSI Technology GS880Z18BGT-200 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
GS880Z18/36BT-333/300/250/200/150
9Mb Pipelined and Flow Through
Synchronous NBT SRAM
333 MHz–150 MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
100-Pin TQFP
Commercial Temp
Industrial Temp
Rev: 1.02 10/2004
1/24
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• NBT (No Bus Turn Around) functionality allows zero wait
read-write-read bus utilization; Fully pin-compatible with
both pipelined and flow through NtRAM™, NoBL™ and
ZBT™ SRAMs
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• User-configurable Pipeline and Flow Through mode
• LBO pin for Linear or Interleave Burst mode
• Pin compatible with 2M, 4M, and 18M devices
• Byte write operation (9-bit Bytes)
• 3 chip enable signals for easy depth expansion
• ZZ Pin for automatic power-down
• JEDEC-standard 100-lead TQFP package
• Pb-Free 100-lead TQFP package available
Functional Description
The GS880Z18/36BT is a 9Mbit Synchronous Static SRAM.
GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other
pipelined read/double late write or flow through read/single
late write SRAMs, allow utilization of all available bus
bandwidth by eliminating the need to insert deselect cycles
when the device is switched from read to write cycles.
Because it is a synchronous device, address, data inputs, and
read/ write control inputs are captured on the rising edge of the
input clock. Burst order control (LBO) must be tied to a power
rail for proper operation. Asynchronous inputs include the
Sleep mode enable (ZZ) and Output Enable. Output Enable can
be used to override the synchronous control of the output
drivers and turn the RAM's output drivers off at any time.
Write cycles are internally self-timed and initiated by the rising
edge of the clock input. This feature eliminates complex off-
chip write pulse generation required by asynchronous SRAMs
and simplifies input signal timing.
The GS880Z18/36BT may be configured by the user to
operate in Pipeline or Flow Through mode. Operating as a
pipelined synchronous device, meaning that in addition to the
rising edge triggered registers that capture input signals, the
device incorporates a rising-edge-triggered output register. For
read cycles, pipelined SRAM output data is temporarily stored
by the edge triggered output register during the access cycle
and then released to the output drivers at the next rising edge of
clock.
The GS880Z18/36BT is implemented with GSI's high
performance CMOS technology and is available in a JEDEC-
Standard 100-pin TQFP package.
Paramter Synopsis
-333
-300
-250
-200
-150
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
3.0
2.5
3.3
2.5
4.0
3.0
5.0
3.8
6.7
ns
ns
Curr (x18)
Curr (x32/x36)
250
290
230
265
200
230
170
195
140
160
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
4.5
4.5
5.0
5.0
5.5
5.5
6.5
6.5
7.5
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
200
230
185
210
160
185
140
160
128
145
mA
mA


Similar Part No. - GS880Z18BGT-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880Z18BGT-200IV GSI-GS880Z18BGT-200IV Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18BGT-200V GSI-GS880Z18BGT-200V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results

Similar Description - GS880Z18BGT-200

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881Z18B GSI-GS881Z18B Datasheet
614Kb / 39P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18-V GSI-GS880Z18-V Datasheet
933Kb / 24P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18BB-V GSI-GS882Z18BB-V Datasheet
1Mb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882ZV18BB GSI-GS882ZV18BB Datasheet
881Kb / 33P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880ZV18BT GSI-GS880ZV18BT Datasheet
573Kb / 23P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18B GSI-GS882Z18B Datasheet
621Kb / 34P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18AT GSI-GS881Z18AT Datasheet
707Kb / 31P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS881Z18BT-V GSI-GS881Z18BT-V Datasheet
1Mb / 37P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS882Z18AB GSI-GS882Z18AB Datasheet
892Kb / 35P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
GS880Z18AT-133 GSI-GS880Z18AT-133 Datasheet
753Kb / 25P
   9Mb Pipelined and Flow Through Synchronous NBT SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com