Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS881E18T-80I Datasheet(PDF) 6 Page - GSI Technology

Part # GS881E18T-80I
Description  512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881E18T-80I Datasheet(HTML) 6 Page - GSI Technology

Back Button GS881E18T-80I Datasheet HTML 2Page - GSI Technology GS881E18T-80I Datasheet HTML 3Page - GSI Technology GS881E18T-80I Datasheet HTML 4Page - GSI Technology GS881E18T-80I Datasheet HTML 5Page - GSI Technology GS881E18T-80I Datasheet HTML 6Page - GSI Technology GS881E18T-80I Datasheet HTML 7Page - GSI Technology GS881E18T-80I Datasheet HTML 8Page - GSI Technology GS881E18T-80I Datasheet HTML 9Page - GSI Technology GS881E18T-80I Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Rev: 1.10 9/2000
6/34
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS881E18/36T-11/11.5/100/80/66
GS881E18/36 Block Diagram
A1
A0
A0
A1
D0
D1
Q1
Q0
Counter
Load
D
Q
D
Q
Register
Register
D
Q
Register
D
Q
Register
D
Q
Register
D
Q
Register
D
Q
Register
D
Q
Register
A0–An
LBO
ADV
CK
ADSC
ADSP
GW
BW
B
A
B
B
B
C
B
D
FT
G
ZZ
Power Down
Control
Memory
Array
36
36
4
A
Q
D
DQx0–DQx9
DP
Parity
QE
Parity
Encode
Compare
36
4
36
36
4
32
Note: Only x36 version shown for simplicity.
0
36
36
4
E1
E
2


Similar Part No. - GS881E18T-80I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS881E18T-80I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880E18T GSI-GS880E18T Datasheet
852Kb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88418B GSI-GS88418B Datasheet
800Kb / 25P
   512K x 18, 256K x 36 8Mb S/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com