Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74STX2G4245 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74STX2G4245
Description  2-Bit Level Shifting Buffer/Transceiver with Configurable Dual Supply VoltageDIRB243A2B176
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74STX2G4245 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74STX2G4245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74STX2G4245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74STX2G4245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74STX2G4245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74STX2G4245 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74STX2G4245 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74STX2G4245 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74STX2G4245 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8729C
09/27/04
PI74STX2G4245
2-Bit Level Shifting Buffer/Transceiver with
Configurable Dual Supply Voltage
Recommended Operating Conditions for B Port ( VCCB)(1)
Paramaters Description
Test Conditions
Min.
Max.
Units
VCCB
Supply Voltage
2.3
5.5
V
VIH
High-level input voltage
Data Inputs
VCCB = 2.3V to 5.5V
0.7 x VCCB
DIR pin
VIL
Low-level input voltage
Data Inputs
VCCB = 2.3V to 5.5V
0.3 x VCCB
DIR pin
VIB
Input Voltage
0
VCCB
VOB
Output Votage
0
VCCB
IOH
High-level Output Current
VCCB = 2.3 V to 2.7V
-8
mA
VCCB = 3V to 3.6V
-12
VCCB = 4.5V to 5.5V
-24
IOL
Low-level Output Current
VCCB = 2.3V to 2.7V
8
VCCB = 3V to 3.6V
12
VCCB = 4.5V to 5.5V
24
∆t/∆V
Input transition rise or fall rate
VCCB = 2.3V to 5.5V
10
m/V
TA
Operation free-air temperature
-40
85
ºC
Notes:
1. To ensure proper device operation, all unused inputs must be held at VCCB or GND.


Similar Part No. - PI74STX2G4245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX2G08 PERICOM-PI74STX2G08 Datasheet
174Kb / 5P
   SOTiny Gate STX Dual 2-Input AND
PI74STX2G14 PERICOM-PI74STX2G14 Datasheet
193Kb / 5P
   SOTiny??Gate STX Dual Schmitt-Trigger Inverter
PI74STX2G14X PERICOM-PI74STX2G14X Datasheet
193Kb / 5P
   SOTiny??Gate STX Dual Schmitt-Trigger Inverter
More results

Similar Description - PI74STX2G4245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
SN74LXC2T45 TI-SN74LXC2T45 Datasheet
1Mb / 32P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
REVISED OCTOBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V01 Datasheet
1Mb / 36P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
OCTOBER 2021
SN74LXC2T45 TI-SN74LXC2T45_V02 Datasheet
1Mb / 39P
[Old version datasheet]   SN74LXC2T45 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
MAY 2022
SN74LXC1T45 TI-SN74LXC1T45_V01 Datasheet
2Mb / 37P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC1T45 TI-SN74LXC1T45 Datasheet
1Mb / 30P
[Old version datasheet]   SN74LXC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Level Shifting
DECEMBER 2021
SN74LXC2T45-Q1 TI-SN74LXC2T45-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   SN74LXC2T45-Q1 Dual-Bit Dual-Supply Bus Transceiver with Configurable Level Shifting
JANUARY 2022
SN74AXC2T45 TI1-SN74AXC2T45 Datasheet
291Kb / 26P
[Old version datasheet]   SN74AXC2T45 2-Bit Bus Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45_V02 Datasheet
1Mb / 35P
[Old version datasheet]   SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
SN74AXC2T45 TI1-SN74AXC2T45_V01 Datasheet
1Mb / 33P
[Old version datasheet]   SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com