Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880E36AT-200I Datasheet(PDF) 1 Page - GSI Technology

Part # GS880E36AT-200I
Description  512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E36AT-200I Datasheet(HTML) 1 Page - GSI Technology

  GS880E36AT-200I Datasheet HTML 1Page - GSI Technology GS880E36AT-200I Datasheet HTML 2Page - GSI Technology GS880E36AT-200I Datasheet HTML 3Page - GSI Technology GS880E36AT-200I Datasheet HTML 4Page - GSI Technology GS880E36AT-200I Datasheet HTML 5Page - GSI Technology GS880E36AT-200I Datasheet HTML 6Page - GSI Technology GS880E36AT-200I Datasheet HTML 7Page - GSI Technology GS880E36AT-200I Datasheet HTML 8Page - GSI Technology GS880E36AT-200I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
GS880E18/32/36AT-250/225/200/166/150/133
512K x 18, 256K x 32, 256K x 36
9Mb Synchronous Burst SRAMs
250 MHz–133 MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
100-Pin TQFP
Commercial Temp
Industrial Temp
Rev: 1.03 11/2004
1/24
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline
operation
• Dual Cycle Deselect (DCD) operation
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP package
Functional Description
Applications
The GS880E18/32/36AT is a 9,437,184-bit (8,388,608-bit for
x32 version) high performance synchronous SRAM with a
2-bit burst address counter. Although of a type originally
developed for Level 2 Cache applications supporting high
performance CPUs, the device now finds application in
synchronous SRAM applications, ranging from DSP main
store to networking chip set support.
Controls
Addresses, data I/Os, chip enables (E1, E2, E3), address burst
control inputs (ADSP, ADSC, ADV), and write control inputs
(Bx, BW, GW) are synchronous and are controlled by a
positive-edge-triggered clock input (CK). Output enable (G)
and power down control (ZZ) are asynchronous inputs. Burst
cycles can be initiated with either ADSP or ADSC inputs. In
Burst mode, subsequent burst addresses are generated
internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or
interleave order with the Linear Burst Order (LBO) input. The
Burst function need not be used. New addresses can be loaded
on every cycle with no degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by
the user via the FT mode pin (Pin 14). Holding the FT mode
pin low places the RAM in Flow Through mode, causing
output data to bypass the Data Output Register. Holding FT
high places the RAM in Pipeline mode, activating the rising-
edge-triggered Data Output Register.
DCD Pipelined Reads
The GS880E18/32/36AT is a DCD (Dual Cycle Deselect)
pipelined synchronous SRAM. SCD (Single Cycle Deselect)
versions are also available. DCD SRAMs pipeline disable
commands to the same degree as read commands. DCD RAMs
hold the deselect command for one full cycle and then begin
turning off their outputs just after the second rising edge of
clock.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write
control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS880E18/32/36AT operates on a 2.5 V or 3.3 V power
supply. All input are 3.3 V and 2.5 V compatible. Separate
output power (VDDQ) pins are used to decouple output noise
from the internal circuits and are 3.3 V and 2.5 V compatible.
Parameter Synopsis
-250
-225
-200
-166
-150
-133
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
4.0
2.7
4.4
3.0
5.0
3.4
6.0
3.8
6.7
4.0
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
280
330
255
300
230
270
200
230
185
215
165
190
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
5.5
5.5
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.5
8.5
ns
ns
Curr (x18)
Curr (x32/x36)
175
200
165
190
160
180
150
170
145
165
135
150
mA
mA


Similar Part No. - GS880E36AT-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E36BGT-150 GSI-GS880E36BGT-150 Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E36BGT-150I GSI-GS880E36BGT-150I Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E36BGT-150IV GSI-GS880E36BGT-150IV Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E36BGT-150V GSI-GS880E36BGT-150V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E36BGT-200 GSI-GS880E36BGT-200 Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS880E36AT-200I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118AT GSI-GS88118AT Datasheet
876Kb / 36P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18 GSI-GS881E18 Datasheet
839Kb / 37P
   512K x 18, 256K x 36 9Mb Synchronous Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com