Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS881E18BT-333 Datasheet(PDF) 7 Page - GSI Technology

Part # GS881E18BT-333
Description  512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881E18BT-333 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS881E18BT-333 Datasheet HTML 3Page - GSI Technology GS881E18BT-333 Datasheet HTML 4Page - GSI Technology GS881E18BT-333 Datasheet HTML 5Page - GSI Technology GS881E18BT-333 Datasheet HTML 6Page - GSI Technology GS881E18BT-333 Datasheet HTML 7Page - GSI Technology GS881E18BT-333 Datasheet HTML 8Page - GSI Technology GS881E18BT-333 Datasheet HTML 9Page - GSI Technology GS881E18BT-333 Datasheet HTML 10Page - GSI Technology GS881E18BT-333 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
GS881E18B(T/D)/GS881E32B(T/D)/GS881E36B(T/D)
Rev: 1.04 3/2005
7/40
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
165 Bump BGA—x32 Common I/O—Top View (Package D)
123456789
10
11
ANC
AE1
BC
BB
E3
BW
ADSC
ADV
ANC
A
BNC
AE2
BD
BA
CK
GW
G
ADSP
ANC
B
CNC
NC
VDDQ
VSS
VSS
VSS
VSS
VSS
VDDQ
NC
NC
C
D
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
D
E
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
E
F
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
F
G
DQC
DQC
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQB
DQB
G
HFT
MCL
NC
VDD
VSS
VSS
VSS
VDD
NC
NC
ZZ
H
J
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
J
K
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
K
L
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
L
M
DQD
DQD
VDDQ
VDD
VSS
VSS
VSS
VDD
VDDQ
DQA
DQA
M
NNC
NC
VDDQ
VSS
NC
NC
NC
VSS
VDDQ
NC
NC
N
PNC
NC
A
ATDI
A1
TDO
A
A
A
AP
RLBO
NC
A
ATMS
A0
TCK
A
A
A
AR
11 x 15 Bump BGA—13mm x 15 mm Body—1.0 mm Bump Pitch


Similar Part No. - GS881E18BT-333

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS881E18BT-150IV GSI-GS881E18BT-150IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT-150V GSI-GS881E18BT-150V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT-200IV GSI-GS881E18BT-200IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT-200V GSI-GS881E18BT-200V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT-250IV GSI-GS881E18BT-250IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS881E18BT-333

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com