Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880V36BT-300 Datasheet(PDF) 4 Page - GSI Technology

Part # GS880V36BT-300
Description  512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880V36BT-300 Datasheet(HTML) 4 Page - GSI Technology

  GS880V36BT-300 Datasheet HTML 1Page - GSI Technology GS880V36BT-300 Datasheet HTML 2Page - GSI Technology GS880V36BT-300 Datasheet HTML 3Page - GSI Technology GS880V36BT-300 Datasheet HTML 4Page - GSI Technology GS880V36BT-300 Datasheet HTML 5Page - GSI Technology GS880V36BT-300 Datasheet HTML 6Page - GSI Technology GS880V36BT-300 Datasheet HTML 7Page - GSI Technology GS880V36BT-300 Datasheet HTML 8Page - GSI Technology GS880V36BT-300 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
GS880V18/32/36BT-333/300/250/200
Rev: 1.02 3/2005
4/23
© 2004, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS880V36B 100-Pin TQFP Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQC
DQC
VSS
VDDQ
DQC
DQC
VDD
NC
VSS
DQD
DQD
VDDQ
VSS
DQD
DQD
DQD
VSS
VDDQ
VDDQ
VSS
DQB
DQB
VSS
VDDQ
DQB
DQB
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSS
DQA
DQA
VSS
VDDQ
256K x 36
Top View
DQB
DQPB
DQB
DQB
DQB
DQA
DQA
DQA
DQA
DQPA
DQC
DQC
DQC
DQD
DQD
DQD
DQPD
DQC
DQPC
10099 989796959493929190898887868584838281
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
FT


Similar Part No. - GS880V36BT-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880V37AT GSI-GS880V37AT Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-200 GSI-GS880V37AT-200 Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-200I GSI-GS880V37AT-200I Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-225 GSI-GS880V37AT-225 Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37AT-225I GSI-GS880V37AT-225I Datasheet
384Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS880V36BT-300

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT GSI-GS881E18BT Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com