Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS840F32AGT-10 Datasheet(PDF) 2 Page - GSI Technology

Part # GS840F32AGT-10
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840F32AGT-10 Datasheet(HTML) 2 Page - GSI Technology

  GS840F32AGT-10 Datasheet HTML 1Page - GSI Technology GS840F32AGT-10 Datasheet HTML 2Page - GSI Technology GS840F32AGT-10 Datasheet HTML 3Page - GSI Technology GS840F32AGT-10 Datasheet HTML 4Page - GSI Technology GS840F32AGT-10 Datasheet HTML 5Page - GSI Technology GS840F32AGT-10 Datasheet HTML 6Page - GSI Technology GS840F32AGT-10 Datasheet HTML 7Page - GSI Technology GS840F32AGT-10 Datasheet HTML 8Page - GSI Technology GS840F32AGT-10 Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
GS840F18/32/36AT-7.5/8/8.5/10/12
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.09 10/2004
2/21
© 1999, GSI Technology
GS840F18A 100-Pin TQFP Pinout
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
VDDQ
VSS
DQB
DQB
VSS
VDDQ
DQB
DQB
VDD
NC
VSS
DQB
DQB
VDDQ
VSS
DQB
DQB
DQPB
VSS
VDDQ
VDDQ
VSS
DQA
DQA
VSS
VDDQ
DQA
DQA
VSS
NC
VDD
ZZ
DQA
DQA
VDDQ
VSS
DQA
DQA
VSS
VDDQ
256K x 18
Top View
DQPA
A
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
10099 989796959493929190898887868584838281
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
NC


Similar Part No. - GS840F32AGT-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840FH18AGT-10 GSI-GS840FH18AGT-10 Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AGT-10I GSI-GS840FH18AGT-10I Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AGT-12 GSI-GS840FH18AGT-12 Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AGT-12I GSI-GS840FH18AGT-12I Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AGT-8 GSI-GS840FH18AGT-8 Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Similar Description - GS840F32AGT-10

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS840E18T GSI-GS840E18T Datasheet
631Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com