Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP583XV25T2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP583XV25T2G
Description  Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP583XV25T2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP583XV25T2G Datasheet HTML 1Page - ON Semiconductor NCP583XV25T2G Datasheet HTML 2Page - ON Semiconductor NCP583XV25T2G Datasheet HTML 3Page - ON Semiconductor NCP583XV25T2G Datasheet HTML 4Page - ON Semiconductor NCP583XV25T2G Datasheet HTML 5Page - ON Semiconductor NCP583XV25T2G Datasheet HTML 6Page - ON Semiconductor NCP583XV25T2G Datasheet HTML 7Page - ON Semiconductor NCP583XV25T2G Datasheet HTML 8Page - ON Semiconductor NCP583XV25T2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP583
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
SOT−563
Pin
SC−82AB
Pin
Symbol
Description
1
4
Vin
Power supply input voltage.
2
2
GND
Power supply ground.
3
3
Vout
Regulated output voltage.
4
NC
No connect.
5
GND
Power supply ground.
6
1
CE
Chip enable pin.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
6.5
V
Input Voltage (CE or CE Pin)
VCE
6.5
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Output Current
Iout
180
mA
Power Dissipation
SC−82AB
SOT−563
PD
150
500
mW
Operating Junction Temperature Range
TJ
−40 to +85
°C
Storage Temperature Range
Tstg
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (Vin = Vout + 1.0 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage
Vin
1.7
6.0
V
Output Voltage (1.0
mA ≤ Iout ≤ 30 mA)
Vout
Vout X 0.980
Vout X 1.020
V
Line Regulation (Iout = 30 mA)
(Vout + 0.5 V v Vin v 6.0 V)
Regline
0.05
0.20
%/V
Load Regulation (1.0
mA ≤ Iout ≤ 100 mA)
Regload
20
40
mV
Dropout Voltage (Iout = 150 mA)
Vout = 1.5 V
Vout = 1.8 V
Vout = 2.5 V
2.8 V
v Vout v 3.3 V
VDO
0.60
0.50
0.35
0.25
0.90
0.75
0.55
0.40
V
Quiescent Current (Iout = 0 mA)
Iq
1.0
1.5
mA
Output Current
Iout
150
mA
Shutdown Current (VCE = Gnd)
ISD
0.1
1.0
mA
Output Short Circuit Current (Vout = 0)
Ilim
40
mA
Enable Input Threshold Voltage
High
Low
Vthenh
Vthenl
1.2
0
6.0
0.3
V


Similar Part No. - NCP583XV25T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP583XV25T2G ONSEMI-NCP583XV25T2G Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP583XV25T2G ONSEMI-NCP583XV25T2G Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
More results

Similar Description - NCP583XV25T2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP698 ONSEMI-NCP698 Datasheet
96Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
NCP699 ONSEMI-NCP699 Datasheet
184Kb / 9P
   150 mA CMOS Low Iq LDO with Enable in TSOP??
March, 2007 ??Rev. 1
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com