Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880E18BGT-200V Datasheet(PDF) 8 Page - GSI Technology

Part # GS880E18BGT-200V
Description  512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E18BGT-200V Datasheet(HTML) 8 Page - GSI Technology

Back Button GS880E18BGT-200V Datasheet HTML 4Page - GSI Technology GS880E18BGT-200V Datasheet HTML 5Page - GSI Technology GS880E18BGT-200V Datasheet HTML 6Page - GSI Technology GS880E18BGT-200V Datasheet HTML 7Page - GSI Technology GS880E18BGT-200V Datasheet HTML 8Page - GSI Technology GS880E18BGT-200V Datasheet HTML 9Page - GSI Technology GS880E18BGT-200V Datasheet HTML 10Page - GSI Technology GS880E18BGT-200V Datasheet HTML 11Page - GSI Technology GS880E18BGT-200V Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
GS880E18/32/36BT-xxxV
Rev: 1.00 6/2006
8/23
© 2006, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Byte Write Truth Table
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
H
H
H
H
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
L
L
L
L
L
2, 3, 4
Write all bytes
L
X
X
X
X
X
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x32 and x36 versions.


Similar Part No. - GS880E18BGT-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18BGT-200 GSI-GS880E18BGT-200 Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BGT-200I GSI-GS880E18BGT-200I Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS880E18BGT-200V

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT GSI-GS881E18BT Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com