Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880F36BT-5 Datasheet(PDF) 9 Page - GSI Technology

Part # GS880F36BT-5
Description  512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880F36BT-5 Datasheet(HTML) 9 Page - GSI Technology

Back Button GS880F36BT-5 Datasheet HTML 5Page - GSI Technology GS880F36BT-5 Datasheet HTML 6Page - GSI Technology GS880F36BT-5 Datasheet HTML 7Page - GSI Technology GS880F36BT-5 Datasheet HTML 8Page - GSI Technology GS880F36BT-5 Datasheet HTML 9Page - GSI Technology GS880F36BT-5 Datasheet HTML 10Page - GSI Technology GS880F36BT-5 Datasheet HTML 11Page - GSI Technology GS880F36BT-5 Datasheet HTML 12Page - GSI Technology GS880F36BT-5 Datasheet HTML 13Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
GS880F18/32/36BT-4.5/5/5.5/6.5/7.5
Rev: 1.02 10/2004
9/27
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Synchronous Truth Table
Operation
Address
Used
State
Diagram
Key5
E1
E2
ADSP ADSC
ADV
W3
DQ4
Deselect Cycle, Power Down
None
X
H
X
X
L
X
X
High-Z
Deselect Cycle, Power Down
None
X
L
F
L
X
X
X
High-Z
Deselect Cycle, Power Down
None
X
L
F
H
L
X
X
High-Z
Read Cycle, Begin Burst
External
R
L
T
L
X
X
X
Q
Read Cycle, Begin Burst
External
R
L
T
H
L
X
F
Q
Write Cycle, Begin Burst
External
W
L
T
H
L
X
T
D
Read Cycle, Continue Burst
Next
CR
X
X
H
H
L
F
Q
Read Cycle, Continue Burst
Next
CR
H
X
X
H
L
F
Q
Write Cycle, Continue Burst
Next
CW
X
X
H
H
L
T
D
Write Cycle, Continue Burst
Next
CW
H
X
X
H
L
T
D
Read Cycle, Suspend Burst
Current
X
X
H
H
H
F
Q
Read Cycle, Suspend Burst
Current
H
X
X
H
H
F
Q
Write Cycle, Suspend Burst
Current
X
X
H
H
H
T
D
Write Cycle, Suspend Burst
Current
H
X
X
H
H
T
D
Notes:
1. X = Don’t Care, H = High, L = Low
2. E = T (True) if E2 = 1 and E3 = 0; E = F (False) if E2 = 0 or E3 = 1
3. W = T (True) and F (False) is defined in the Byte Write Truth Table preceding
4. G is an asynchronous input. G can be driven high at any time to disable active output drivers. G low can only enable active drivers (shown
as “Q” in the Truth Table above).
5. All input combinations shown above are tested and supported. Input combinations shown in gray boxes need not be used to accomplish
basic synchronous or synchronous burst operations and may be avoided for simplicity.
6. Tying ADSP high and ADSC low allows simple non-burst synchronous operations. See BOLD items above.
7. Tying ADSP high and ADV low while using ADSC to load new addresses allows simple burst operations. See ITALIC items above.


Similar Part No. - GS880F36BT-5

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880F36BT-5.5IV GSI-GS880F36BT-5.5IV Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F36BT-5.5V GSI-GS880F36BT-5.5V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS880F36BT-5

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT GSI-GS881E18BT Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com