Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880F36BT-5 Datasheet(PDF) 7 Page - GSI Technology

Part # GS880F36BT-5
Description  512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880F36BT-5 Datasheet(HTML) 7 Page - GSI Technology

Back Button GS880F36BT-5 Datasheet HTML 3Page - GSI Technology GS880F36BT-5 Datasheet HTML 4Page - GSI Technology GS880F36BT-5 Datasheet HTML 5Page - GSI Technology GS880F36BT-5 Datasheet HTML 6Page - GSI Technology GS880F36BT-5 Datasheet HTML 7Page - GSI Technology GS880F36BT-5 Datasheet HTML 8Page - GSI Technology GS880F36BT-5 Datasheet HTML 9Page - GSI Technology GS880F36BT-5 Datasheet HTML 10Page - GSI Technology GS880F36BT-5 Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
GS880F18/32/36BT-4.5/5/5.5/6.5/7.5
Rev: 1.02 10/2004
7/27
© 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Note:
There is a pull-down device on the ZZ pin, so this input pin can be unconnected and the chip will operate in the default states as specified in
the above tables.
Burst Counter Sequences
BPR 1999.05.18
Mode Pin Functions
Mode Name
Pin Name
State
Function
Burst Order Control
LBO
L
Linear Burst
H
Interleaved Burst
Output Register Control
FT
L
Flow Through
H or NC
Pipeline
Power Down Control
ZZ
L or NC
Active
H
Standby, IDD = ISB
Note:
The burst counter wraps to initial state on the 5th clock.
Note:
The burst counter wraps to initial state on the 5th clock.
Linear Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
10
11
00
3rd address
10
11
00
01
4th address
11
00
01
10
Interleaved Burst Sequence
A[1:0] A[1:0] A[1:0] A[1:0]
1st address
00
01
10
11
2nd address
01
00
11
10
3rd address
10
11
00
01
4th address
11
10
01
00


Similar Part No. - GS880F36BT-5

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880F36BT-5.5IV GSI-GS880F36BT-5.5IV Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F36BT-5.5V GSI-GS880F36BT-5.5V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS880F36BT-5

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT GSI-GS881E18BT Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com