Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880E18T-11I Datasheet(PDF) 11 Page - GSI Technology

Part # GS880E18T-11I
Description  512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880E18T-11I Datasheet(HTML) 11 Page - GSI Technology

Back Button GS880E18T-11I Datasheet HTML 7Page - GSI Technology GS880E18T-11I Datasheet HTML 8Page - GSI Technology GS880E18T-11I Datasheet HTML 9Page - GSI Technology GS880E18T-11I Datasheet HTML 10Page - GSI Technology GS880E18T-11I Datasheet HTML 11Page - GSI Technology GS880E18T-11I Datasheet HTML 12Page - GSI Technology GS880E18T-11I Datasheet HTML 13Page - GSI Technology GS880E18T-11I Datasheet HTML 14Page - GSI Technology GS880E18T-11I Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Rev: 1.11 11/2000
11/25
© 2000, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary
GS880E18/32/36T-11/11.5/100/80/66
Note:
Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended
Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended
period of time, may affect reliability of this component.
Notes:
1. Unless otherwise noted, all performance specifications quoted are evaluated for worst case at both 2.75 V
≤ VDDQ ≤ 2.375 V
(i.e., 2.5 V I/O) and 3.6 V
≤ VDDQ ≤ 3.135 V (i.e., 3.3 V I/O), and quoted at whichever condition is worst case.
2. This device features input buffers compatible with both 3.3 V and 2.5 V I/O drivers.
3. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of
Industrial Temperature Range versions end the character “I”. Unless otherwise noted, all performance specifications quoted are evaluated
for worst case in the temperature range marked on the device.
4. Input Under/overshoot voltage must be –2 V > Vi < VDD +2 V with a pulse width not to exceed 20% tKC.
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
Description
Value
Unit
VDD
Voltage on VDD Pins
–0.5 to 4.6
V
VDDQ
Voltage in VDDQ Pins
–0.5 to VDD
V
VCK
Voltage on Clock Input Pin
–0.5 to 6
V
VI/O
Voltage on I/O Pins
–0.5 to VDDQ +0.5 (≤ 4.6 V max.)
V
VIN
Voltage on Other Input Pins
–0.5 to VDD +0.5 (≤ 4.6 V max.)
V
IIN
Input Current on Any Pin
+/–20
mA
IOUT
Output Current on Any I/O Pin
+/–20
mA
PD
Package Power Dissipation
1.5
W
TSTG
Storage Temperature
–55 to 125
oC
TBIAS
Temperature Under Bias
–55 to 125
oC
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Notes
Supply Voltage
VDD
3.135
3.3
3.6
V
I/O Supply Voltage
VDDQ
2.375
2.5
VDD
V
1
Input High Voltage
VIH
1.7
VDD +0.3
V
2
Input Low Voltage
VIL
–0.3
0.8
V
2
Ambient Temperature (Commercial Range Versions)
TA
0
25
70
°C
3
Ambient Temperature (Industrial Range Versions)
TA
–40
25
85
°C
3


Similar Part No. - GS880E18T-11I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133 GSI-GS880E18AT-133 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-133I GSI-GS880E18AT-133I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150 GSI-GS880E18AT-150 Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
GS880E18AT-150I GSI-GS880E18AT-150I Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
More results

Similar Description - GS880E18T-11I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18AT GSI-GS880F18AT Datasheet
553Kb / 23P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS880F18T GSI-GS880F18T Datasheet
351Kb / 25P
   512K x 18, 256K x 36 8Mb Sync Burst SRAMs
GS881E18T GSI-GS881E18T Datasheet
469Kb / 34P
   512K x 18, 256K x 36 ByteSafe 8Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118T GSI-GS88118T Datasheet
464Kb / 33P
   512K x 18, 256K x 36 ByteSafe??8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com