Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS880V37AT Datasheet(PDF) 3 Page - GSI Technology

Part # GS880V37AT
Description  256K x 36 9Mb Sync Burst SRAMs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS880V37AT Datasheet(HTML) 3 Page - GSI Technology

  GS880V37AT Datasheet HTML 1Page - GSI Technology GS880V37AT Datasheet HTML 2Page - GSI Technology GS880V37AT Datasheet HTML 3Page - GSI Technology GS880V37AT Datasheet HTML 4Page - GSI Technology GS880V37AT Datasheet HTML 5Page - GSI Technology GS880V37AT Datasheet HTML 6Page - GSI Technology GS880V37AT Datasheet HTML 7Page - GSI Technology GS880V37AT Datasheet HTML 8Page - GSI Technology GS880V37AT Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
GS880V37AT-250/225/200
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 7/2004
3/18
© 2002, GSI Technology
TQFP Pin Description
Symbol
Type
Description
A0, A1
I
Address field LSBs and Address Counter preset Inputs
A
I
Address Inputs
DQA
DQB
DQC
DQD
I/O
Data Input and Output pins
NC
No Connect
BW
IByte Write—Writes all enabled bytes; active low
BA, BB
I
Byte Write Enable for DQA, DQB Data I/Os; active low
BC, BD
I
Byte Write Enable for DQC, DQD Data I/Os; active low
CK
I
Clock Input Signal; active high
GW
I
Global Write Enable—Writes all bytes; active low
E1, E3
I
Chip Enable; active low
E2
I
Chip Enable; active high
G
I
Output Enable; active low
ADV
I
Burst address counter advance enable; active low
ADSP, ADSC
I
Address Strobe (Processor, Cache Controller); active low
ZZ
I
Sleep Mode control; active high
LBO
I
Linear Burst Order mode; active low
VDDQ
I
Core power supply
VSS
I
I/O and Core Ground
VDDQ
I
Output driver power supply
VDDQ/DNU
I
VDDQ or VDD (must be tied high)
or
Do Not Use (must be left floating)


Similar Part No. - GS880V37AT

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880V37BGT-300 GSI-GS880V37BGT-300 Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37BGT-300I GSI-GS880V37BGT-300I Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37BGT-333 GSI-GS880V37BGT-333 Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37BGT-333I GSI-GS880V37BGT-333I Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS880V37BGT-360 GSI-GS880V37BGT-360 Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
More results

Similar Description - GS880V37AT

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS880V37BT GSI-GS880V37BT Datasheet
489Kb / 18P
   256K x 36 9Mb Sync Burst SRAMs
GS882V37AB GSI-GS882V37AB Datasheet
623Kb / 28P
   256K x 36 9Mb SCD/DCD Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT GSI-GS881E18BT Datasheet
902Kb / 40P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com