Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS841E18AB-166 Datasheet(PDF) 8 Page - GSI Technology

Part # GS841E18AB-166
Description  256K x 18 Sync Cache Tag
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS841E18AB-166 Datasheet(HTML) 8 Page - GSI Technology

Back Button GS841E18AB-166 Datasheet HTML 4Page - GSI Technology GS841E18AB-166 Datasheet HTML 5Page - GSI Technology GS841E18AB-166 Datasheet HTML 6Page - GSI Technology GS841E18AB-166 Datasheet HTML 7Page - GSI Technology GS841E18AB-166 Datasheet HTML 8Page - GSI Technology GS841E18AB-166 Datasheet HTML 9Page - GSI Technology GS841E18AB-166 Datasheet HTML 10Page - GSI Technology GS841E18AB-166 Datasheet HTML 11Page - GSI Technology GS841E18AB-166 Datasheet HTML 12Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
GS841E18AT/B-180/166/150/130/100
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.03 4/2005
8/21
© 2001, GSI Technology
Notes:
1. X means “don’t care,” H means “logic high,” L means “logic low.”
2. Write is the logic function of GW, BWE, BW1, BW2. See Byte Write Function table for detail.
3. All inputs, except OE, must meet setup and hold on rising edge of CLK.
4. Suspending busrt generates a wait cycle.
5. ADSP LOW along with SRAM being selected always initiates a Read cycle at the L-H edge of the clock (CLK).
6. A Write cycle can only be performed by setting Write low for the clock L-H edge of the subsequent wait cycle.
Refer to page 12 for the Write timing diagram.
Synchronous Truth Table
Operation
Address Used
CE1 CE2 CE3 ADSP
ADSC
ADV
Write
OE CLK
DQ
Deselect Cycle, Power Down
none
H
X
X
X
L
X
X
X
L-H
High-Z
Deselect Cycle, Power Down
none
L
L
X
L
X
X
X
X
L-H
High-Z
Deselect Cycle, Power Down
none
L
X
H
L
X
X
X
X
L-H
High-Z
Deselect Cycle, Power Down
none
L
L
X
H
L
X
X
X
L-H
High-Z
Deselect Cycle, Power Down
none
L
X
H
H
L
X
X
X
L-H
High-Z
Read Cycle, Begin Burst
external
L
H
L
L
X
X
X
L
L-H
Q
Read Cycle, Begin Burst
external
L
H
L
L
X
X
X
H
L-H
High-Z
Read Cycle, Begin Burst
external
L
H
L
H
L
X
H
L
L-H
Q
Read Cycle, Begin Burst
external
L
H
L
H
L
X
H
H
L-H
High-Z
Write Cycle, Begin Burst
external
L
H
L
H
L
X
L
X
L-H
D
Read Cycle, Continue Burst
next
X
X
X
H
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
next
X
X
X
H
H
L
H
H
L-H
High-Z
Read Cycle, Continue Burst
next
H
X
X
X
H
L
H
L
L-H
Q
Read Cycle, Continue Burst
next
H
X
X
X
H
L
H
H
L-H
High-Z
Write Cycle, Continue Burst
next
X
X
X
H
H
L
L
X
L-H
D
Write Cycle, Continue Burst
next
H
X
X
X
H
L
L
X
L-H
D
Read Cycle, Suspend Burst
current
X
X
X
H
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
current
X
X
X
H
H
H
H
H
L-H
High-Z
Read Cycle, Suspend Burst
current
H
X
X
X
H
H
H
L
L-H
Q
Read Cycle, Suspend Burst
current
H
X
X
X
H
H
H
H
L-H
High-Z
Write Cycle, Suspend Burst
current
X
X
X
H
H
H
L
X
L-H
D
Write Cycle, Suspend Burst
current
H
X
X
X
H
H
L
X
L-H
D


Similar Part No. - GS841E18AB-166

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

Similar Description - GS841E18AB-166

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84118T-166 GSI-GS84118T-166 Datasheet
501Kb / 30P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com