Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3001 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC3001
Description  SFP Management IC with Internal Calibration
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3001 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC3001 Datasheet HTML 4Page - Micrel Semiconductor MIC3001 Datasheet HTML 5Page - Micrel Semiconductor MIC3001 Datasheet HTML 6Page - Micrel Semiconductor MIC3001 Datasheet HTML 7Page - Micrel Semiconductor MIC3001 Datasheet HTML 8Page - Micrel Semiconductor MIC3001 Datasheet HTML 9Page - Micrel Semiconductor MIC3001 Datasheet HTML 10Page - Micrel Semiconductor MIC3001 Datasheet HTML 11Page - Micrel Semiconductor MIC3001 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
MIC3001
Micrel
M9999-082404
8
August 2004
Absolute Maximum Ratings(1)
Power Supply Voltage, V
DD ................................................. +3.8V
Voltage on CLK, DATA, TXFAULT, VIN, RXLOS,
DISABLE, RSIN ...................................... –0.3V to +6.0V
Voltage On Any Other Pin ..................... –0.3V to V
DD+0.3V
Power Dissipation, T
A = 85°C ..................................... 1.5W
Junction Temperature (T
J) ........................................ 150°C
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Ratings(3)
Human Body Model ................................................... 2kV
Machine Model ........................................................ 300V
Soldering (20sec) ...................................................... 260ºC
Operating Ratings(2)
Power Supply Voltage, V
DDA/VDDD ................ +3.0V to +3.6V
Ambient Temperature Range (T
A) ........... –40°C to +105°C
Package Thermal Resistance
MLF™ (
θ
JA) ......................................................... 43°C/W
Electrical Characteristics
For typical values, T
A = 25°C, VDDA = VDDD = +3.3V, unless otherwise noted. Bold values are guaranteed for +3.0V ≤ (VDDA = VDDD)
≤ 3.6V, T(min) ≤ T
A ≤ T(max)
(8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
I
DD
Supply Current
CLK = DATA = V
DDD = VDDA;TXDISABLE low;
2.3
3.5
mA
all DACs at full-scale; all A/D inputs at
full-scale; all other pins open.
CLK = DATA = V
DDD = VDDA; TXDISABLE high;
2.3
3.5
mA
FLTDAC at full-scale; all A/D inputs at
full-scale; all other pins open.
V
POR
Power-on Reset Voltage
All registers reset to default values;
2.9
2.98
V
A/D conversions initiated.
V
UVLO
Under-Voltage Lockout Threshold
Note 5
2.5
2.73
V
V
HYST
Power-on Reset Hysteresis Voltage
170
mV
t
POR
Power-on Reset Time
V
DD > VPOR
(4)
50
µs
V
REF
Reference Voltage
1.210
1.225
1.240
V
∆V
REF/∆VDDA
Voltage Reference Line Regulation
1.7
mV/V
Temperature-to-Digital Converter Characteristics
Local Temperature Measurement Error
–40
°C ≤ T
A ≤ +105°C
(6)
±1
±3
°C
Remote Temperature Measurement
–40
°C ≤ T
A ≤ +105°C
(6)
±1
±3
°C
Error
t
CONV
Conversion Time
Note 4
60
ms
t
SAMPLE
Sample Period
100
ms
Remote Temperature Input, XPN
I
F
Current to External Diode(4)
XPN at high level, clamped to 0.6V.
192
400
µA
XPN at low level, clamped to 0.6V.
7
12
µA
Voltage-to-Digital Converter Characteristics (V
RX, VAUX, VBIAS, VMPD, VILD+/–)
Voltage Measurement Error
–40
°C ≤ T
A ≤ +105°C
(6)
±1
±2.0
% fs
t
CONV
Conversion Time
Note 4
10
ms
t
SAMPLE
Sample Period
Note 4
100
ms


Similar Part No. - MIC3001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3001 MICREL-MIC3001 Datasheet
1Mb / 76P
   FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001 Datasheet
1Mb / 10P
   TXRX_982_R1 Evaluation Board
MIC3001BML MICREL-MIC3001BML Datasheet
1Mb / 76P
   FOM Management IC with Internal Calibration
MIC3001BMLTR MICREL-MIC3001BMLTR Datasheet
1Mb / 76P
   FOM Management IC with Internal Calibration
MIC3001GML MICREL-MIC3001GML Datasheet
1Mb / 76P
   FOM Management IC with Internal Calibration
More results

Similar Description - MIC3001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3003GFL MICREL-MIC3003GFL Datasheet
752Kb / 74P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003_11 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
MIC3003 MICREL-MIC3003 Datasheet
755Kb / 75P
   FOM Management IC with Internal Calibration
MIC3002 MICREL-MIC3002_10 Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibration
MIC3001 MICREL-MIC3001_11 Datasheet
1Mb / 76P
   FOM Management IC with Internal Calibration
MIC3000 MICREL-MIC3000 Datasheet
416Kb / 68P
   SFP Management IC
MIC3002 MICREL-MIC3002 Datasheet
1Mb / 65P
   FOM Management IC with Internal Calibr ation
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
CDCE401 TI-CDCE401 Datasheet
311Kb / 19P
[Old version datasheet]   OSCILLATOR IC WITH ELECTRONIC CALIBRATION
logo
STMicroelectronics
AN3101 STMICROELECTRONICS-AN3101 Datasheet
435Kb / 24P
   internal RC oscillator calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com