Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS820H32Q-138I Datasheet(PDF) 7 Page - GSI Technology

Part # GS820H32Q-138I
Description  64K x 32 2M Synchronous Burst SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS820H32Q-138I Datasheet(HTML) 7 Page - GSI Technology

Back Button GS820H32Q-138I Datasheet HTML 3Page - GSI Technology GS820H32Q-138I Datasheet HTML 4Page - GSI Technology GS820H32Q-138I Datasheet HTML 5Page - GSI Technology GS820H32Q-138I Datasheet HTML 6Page - GSI Technology GS820H32Q-138I Datasheet HTML 7Page - GSI Technology GS820H32Q-138I Datasheet HTML 8Page - GSI Technology GS820H32Q-138I Datasheet HTML 9Page - GSI Technology GS820H32Q-138I Datasheet HTML 10Page - GSI Technology GS820H32Q-138I Datasheet HTML 11Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Rev: 1.03 2/2000
7/23
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
D
GS820H32T/Q-150/138/133/117/100/66
First Write
First Read
Burst Write
Burst Read
Deselect
R
W
CR
CW
X
X
W
R
R
W
R
X
X
X
CR
R
CW
CR
CR
Simplified State Diagram
Notes:
1. The diagram shows only supported (tested) synchronous state transitions. The diagram presumes G is tied Low.
2. The upper portion of the diagram assumes active use of only the Enable (E1, E2, E3) and Write (BA, BB, BC, BD, BW and GW) control inputs
and that ADSP is tied high and ADSC is tied low.
3. The upper and lower portions of the diagram together assume active use of only the Enable, Write and ADSC control inputs and assumes
ADSP is tied high and ADV is tied low.


Similar Part No. - GS820H32Q-138I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820H32A2T-138 GSI-GS820H32A2T-138 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-133 GSI-GS820H32AQ-133 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-133I GSI-GS820H32AQ-133I Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-138 GSI-GS820H32AQ-138 Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32AQ-138I GSI-GS820H32AQ-138I Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
More results

Similar Description - GS820H32Q-138I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AT GSI-GS82032AT Datasheet
577Kb / 22P
   64K x 32 2Mb Synchronous Burst SRAM
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com