Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M840XD Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M840XD
Description  OC-192 MULTI-RATE CLOCK RECOVERY MODULE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M840XD Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M840XD Datasheet HTML 1Page - Integrated Circuit Systems M840XD Datasheet HTML 2Page - Integrated Circuit Systems M840XD Datasheet HTML 3Page - Integrated Circuit Systems M840XD Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
M840 Series
Performance Specifications
SAW DL 4
OC 192
Clk Out
Data
Out
Data
In
SAW DL 1
SAW DL 2
SAW DL 3
SP4T
SW
SP4T
SW
Pwr
Div
Pwr
Div
Op-
Amp
RF
Amp
RF
Amp
RF
Amp
Lim
Amp
Lim
Amp
RF
Amp
Freq
Doubler
Freq
Doubler
Phase
Shifter
Rate
Select
Freq
X4
Pwr
Div
RF
Amp
OC 48
Clk Out
BLOCK DIAGRAM
Single Limiting Amplifier High Level Input Test Data
Single Limiting Amplifier Low Level Input Test Data
Conditions: Rate = 12.02Gb/sec, Input Level = 1Vpp
Conditions: Rate = 12.02Gb/sec, Input Level = 6mVpp
Note: M840 has two limiting amplifiers
TEST DATA


Similar Part No. - M840XD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
M8413AA HP-M8413AA Datasheet
736Kb / 2P
   AGILENT 1220 INFINITY II HPLC SYSTEM FOR CANNABINOID POTENCY TESTING
logo
List of Unclassifed Man...
M8437 ETC-M8437 Datasheet
295Kb / 1P
   Heyco짰-Tite Liquid Tight Cordgrips
logo
Heyco.
M8437 HEYCO-M8437 Datasheet
289Kb / 1P
   Tite Liquid Tight Cordgrips
M8437GAL HEYCO-M8437GAL Datasheet
212Kb / 1P
   Heyco®-Tite Liquid Tight Cordgrips
M8437GAL HEYCO-M8437GAL Datasheet
380Kb / 1P
   Tite UL Listed/Recognized and CSA Certified
More results

Similar Description - M840XD

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M830 ICST-M830 Datasheet
169Kb / 6P
   12.249Gb/s OC-192 Clock & Data Recovery Transmitter Module
M844 ICST-M844 Datasheet
141Kb / 1P
   MULTI-RATE CLOCK RECOVERY
logo
Filtronic Compound Semi...
OC48 FILTRONIC-OC48 Datasheet
24Kb / 2P
   OC 48 & OC 192 PHASE SHIFTER FOR CLOCK & DATA RECOVERY 6705 K
logo
Integrated Device Techn...
IDT5T940 IDT-IDT5T940 Datasheet
68Kb / 10P
   PRECISION CLOCK GENERATOR OC-192 APPLICATIONS
logo
List of Unclassifed Man...
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
OPLINK Communications I...
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
TRPE48-E2G OPLINK-TRPE48-E2G Datasheet
662Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers
logo
Filtronic Compound Semi...
FMA501 FILTRONIC-FMA501 Datasheet
682Kb / 4P
   OC-192 MODULATOR DRIVER AMPLIFIER
logo
Zarlink Semiconductor I...
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com