Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD32M64F8V-F12 Datasheet(PDF) 11 Page - Hanbit Electronics Co.,Ltd

Part # HSD32M64F8V-F12
Description  Synchronous DRAM Module, 256Mbyte ( 32M x 64-Bit ) SMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD32M64F8V-F12 Datasheet(HTML) 11 Page - Hanbit Electronics Co.,Ltd

Back Button HSD32M64F8V-F12 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd HSD32M64F8V-F12 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HANBit
HSD32M64F8V/VA
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
11
ORDERING INFORMATION
Part Number
Density
Org.
Package
Ref.
Vcc
Feature
MAX.frq
HSD32M64F8V-13
256MByte
32Mx 64
120 Pin
SMM
8K
3.3V
133MHz
(CL=3)
HSD32M64F8V-F13
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
Low
Power
133MHz
(CL=3)
HSD32M64F8V-12
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
125MHz
(CL=3)
HSD32M64F8V-F12
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
Low
Power
125MHz
(CL=3)
HSD32M64F8V-10
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
100MHz
(CL=2)
HSD32M64F8V-F10
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
Low
Power
100MHz
(CL=2)
HSD32M64F8VA-13
256MByte
32Mx 64
120 Pin
SMM
8K
3.3V
133MHz
(CL=3)
HSD32M64F8VA-F13
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
Low
Power
133MHz
(CL=3)
HSD32M64F8VA-12
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
125MHz
(CL=3)
HSD32M64F8VA-F12
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
Low
Power
125MHz
(CL=3)
HSD32M64F8VA-10
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
100MHz
(CL=2)
HSD32M64F8VA-F10
256Mbyte
32Mx 64
120 Pin
SMM
8K
3.3V
Low
Power
100MHz
(CL=2)
* F means Auto & Self refresh with Low-Power (3.3V)
* HSD32M64F8V
:
T = 11.3mm
* HSD32M64F8VA
:
T = 7.3mm


Similar Part No. - HSD32M64F8V-F12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64F8K HANBIT-HSD32M64F8K Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HSD32M64F8K-10L HANBIT-HSD32M64F8K-10L Datasheet
202Kb / 12P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM, based on16Mx8,4Banks, 4K Ref., 3.3V
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64F8R-10 HANBIT-HSD32M64F8R-10 Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M64F8R-10L HANBIT-HSD32M64F8R-10L Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
More results

Similar Description - HSD32M64F8V-F12

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD32M64D8H HANBIT-HSD32M64D8H Datasheet
84Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HDD32M64F8 HANBIT-HDD32M64F8 Datasheet
197Kb / 11P
   DDR SDRAM Module 256Mbyte (32Mx64bit), based on 32Mx8, 4Banks, 8K Ref., SMM,
HSD32M64F8R HANBIT-HSD32M64F8R Datasheet
1Mb / 30P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), SMM ,16Mx16, 4Banks, 8K Ref. 3.3V
HSD32M72D9H HANBIT-HSD32M72D9H Datasheet
158Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx72bit),DIMM with ECC based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD64M64F8K HANBIT-HSD64M64F8K Datasheet
204Kb / 12P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8, 4Banks, 4K Ref., 3.3V
HSD64M64F8KA HANBIT-HSD64M64F8KA Datasheet
137Kb / 10P
   Synchronous DRAM Module 512Mbyte (64Mx64bit), SMM, based on 32Mx8 ,4Banks, 4K Ref., 3.3V
HSD32M32M4V HANBIT-HSD32M32M4V Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte ( 32M x 32-Bit ) 72-Pin SIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD32M64D8A HANBIT-HSD32M64D8A Datasheet
84Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM based on 32Mx8, 4Banks, 8K Ref., 3.3V
HSD16M64F8V HANBIT-HSD16M64F8V Datasheet
88Kb / 11P
   Synchronous DRAM Module, 128Mbyte ( 16M x 64-Bit ) SMM based on 16Mx8 4Banks, 4K Ref., 3.3V
HSD8M64F8V HANBIT-HSD8M64F8V Datasheet
106Kb / 10P
   Synchronous DRAM Module 64Mbyte ( 8M x 64-Bit ) SMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com