Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABTH16821ADL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ABTH16821ADL
Description  20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16821ADL Datasheet(HTML) 1 Page - NXP Semiconductors

  74ABTH16821ADL Datasheet HTML 1Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 2Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 3Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 4Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 5Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 6Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 7Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 8Page - NXP Semiconductors 74ABTH16821ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74ABT16821A
74ABTH16821A
20-bit bus-interface D-type flip-flop;
positive-edge trigger (3-State)
Product specification
Supersedes data of 1995 Sep 28
IC23 Data Handbook
1998 Feb 27
INTEGRATED CIRCUITS


Similar Part No. - 74ABTH16821ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADL PHILIPS-74ABTH16823ADL Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16827A PHILIPS-74ABTH16827A Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABTH16827ADGG PHILIPS-74ABTH16827ADGG Datasheet
73Kb / 10P
   20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
More results

Similar Description - 74ABTH16821ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
logo
Nexperia B.V. All right...
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
logo
NXP Semiconductors
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
   20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
logo
NXP Semiconductors
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
   20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
   20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
logo
NXP Semiconductors
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
   10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16374B PHILIPS-74ABT16374B Datasheet
86Kb / 10P
   16-bit D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABT821 PHILIPS-74ABT821 Datasheet
69Kb / 6P
   10-bit D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
   2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com