Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSD16M64D16A-10L Datasheet(PDF) 7 Page - Hanbit Electronics Co.,Ltd

Part # HSD16M64D16A-10L
Description  Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 8Mx8, 4Banks, 4K Ref., 3.3V
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HSD16M64D16A-10L Datasheet(HTML) 7 Page - Hanbit Electronics Co.,Ltd

Back Button HSD16M64D16A-10L Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HSD16M64D16A-10L Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HSD16M64D16A-10L Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HSD16M64D16A-10L Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HSD16M64D16A-10L Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd HSD16M64D16A-10L Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd HSD16M64D16A-10L Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd HSD16M64D16A-10L Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd HSD16M64D16A-10L Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HANBit
HSD16M64D16A
URL: www.hbe.co.kr
7
HANBit Electronics Co.,Ltd
REV 1.0 (August.2002)
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
VERSION
PARAMETER
SYMBOL
-13
-12
-10
-10L
UNIT
NOTE
Row active to row active delay
tRRD(min)
15
16
20
20
ns
1
RAS to CAS delay
tRP(min)
20
20
20
20
ns
1
Row precharge time
tRP(min)
20
20
20
20
ns
1
tRAS(min)
45
48
50
50
ns
1
Row active time
tRAS(max)
100
ns
Row cycle time
tRC(min)
65
68
70
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2
Last data in to Active delay
tDAL(min)
2 CLK + 20 ns
-
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
CAS latency=3
2
Number of valid output data
CAS latency=2
-
1
ea
4
Notes :
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time and
then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
.5. For -8/H/L/10, tRDL=1CLK and tDAL=1CLK+20ns is also supported .
( recommend : tRDL=2CLK and tDAL=2CLK + 20ns.)
+3.3V
1200
870
50pF
*
DOUT
Vtt=1.4V
50
50pF
DOUT
Z0=50
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
(Fig. 1) DC output load
circuit
(Fig. 2) AC output load circuit


Similar Part No. - HSD16M64D16A-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A-10 HANBIT-HSD16M64D8A-10 Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A-10L HANBIT-HSD16M64D8A-10L Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A-12 HANBIT-HSD16M64D8A-12 Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A-13 HANBIT-HSD16M64D8A-13 Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
More results

Similar Description - HSD16M64D16A-10L

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD16M64D8H HANBIT-HSD16M64D8H Datasheet
91Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8A HANBIT-HSD16M64D8A Datasheet
83Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64bit),DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D18A HANBIT-HSD16M72D18A Datasheet
188Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64F8K HANBIT-HSD16M64F8K Datasheet
1Mb / 30P
   Synchronous DRAM Module 128Mbyte (16Mx64bit), SMM ,16Mx8, 4Banks, 4K Ref. 3.3V
HSD8M72D9A HANBIT-HSD8M72D9A Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte (8Mx72bit),DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V
HSD16M72D9A HANBIT-HSD16M72D9A Datasheet
84Kb / 9P
   Synchronous DRAM Module 128Mbyte (8Mx72bit),DIMM with ECC based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD32M64D16H HANBIT-HSD32M64D16H Datasheet
161Kb / 10P
   Synchronous DRAM Module 256Mbyte (32Mx64bit), DIMM based on 16Mx8, 4Banks, 4K Ref., 3.3V
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com