Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT16823ADGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT16823ADGG
Description  18-bit bus interface D-type flip-flop with reset and enable 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16823ADGG Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT16823ADGG Datasheet HTML 1Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 2Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 3Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16823ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16823A
74ABTH16823A
18-bit bus-interface D-type flip-flop
with reset and enable (3-State)
1998 Feb 27
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
1MR
1OE
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
GND
VCC
GND
1Q6
1Q7
1Q8
2Q0
2Q1
2Q2
GND
2Q3
2Q4
2Q5
VCC
2Q6
2Q7
GND
2Q8
2OE
2MR
1CP
1CE
1D0
GND
1D1
1D2
VCC
1D3
1D4
1D5
GND
1D6
1D7
1D8
2D0
2D1
2D2
GND
2D3
2D4
2D5
VCC
2D6
2D7
GND
2D8
2CE
2CP
SH00014
LOGIC SYMBOL (IEEE/IEC)
EN1
1, 2
5, 6
SH00015
1
28
30
29
54
52
51
49
48
47
45
44
43
42
41
40
38
37
36
34
33
31
3
5
6
8
9
10
12
13
14
15
16
17
19
20
21
23
24
25
4D
8D
2
56
55
27
R2
G3
3C4
EN5
R6
G7
7C8
1MR
1OE
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
2OE
2MR
1CP
1CE
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
2CE
2CP


Similar Part No. - 74ABT16823ADGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ABT16823DGGRE4 TI-74ABT16823DGGRE4 Datasheet
235Kb / 14P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ABT16823DGGRE4 TI-74ABT16823DGGRE4 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ABT16823DGGRG4 TI-74ABT16823DGGRG4 Datasheet
388Kb / 17P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABT16823ADGG

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
logo
NXP Semiconductors
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
   18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
logo
Nexperia B.V. All right...
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
logo
NXP Semiconductors
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
   18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
logo
Nexperia B.V. All right...
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
   18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
logo
NXP Semiconductors
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
   9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
   9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
   Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com