Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTH50P085 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH50P085
Description  Standard Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH50P085 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH50P085 Datasheet HTML 1Page - IXYS Corporation IXTH50P085 Datasheet HTML 2Page - IXYS Corporation IXTH50P085 Datasheet HTML 3Page - IXYS Corporation IXTH50P085 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTH 50P085
Fig. 11. Capacitance
0
1000
2000
3000
4000
5000
6000
-40
-35
-30
-25
-20
-15
-10
-5
0
V
D S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
20
40
60
80
100
120
140
Q
G - nanoCoulombs
VDS = -50V
I
D = -25A
IG = -1mA
Fig. 7. Input Adm ittance
-150
-125
-100
-75
-50
-25
0
-11
-10
-9
-8
-7
-6
-5
-4
V
G S - Volts
T
J = -40ºC
25ºC
125ºC
Fig. 8. Transconductance
0
5
10
15
20
25
30
35
40
-150
-125
-100
-75
-50
-25
0
I
D - Amperes
T
J = -40ºC
25ºC
125ºC
Fig. 9. Source Current vs. Source-To-
Drain Voltage
-150
-125
-100
-75
-50
-25
0
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
V
S D - Volts
T
J = 125ºC
TJ = 25ºC
Fig. 12. Maxim um Transient Therm al
Resistance
0.01
0.10
1.00
1
10
100
1000
Pulse Width - milliseconds


Similar Part No. - IXTH50P085

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH50P085 ISC-IXTH50P085 Datasheet
383Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - IXTH50P085

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IZTH6N90 IXYS-IZTH6N90 Datasheet
104Kb / 4P
   Standard Power MOSFET
IXTH16P20 IXYS-IXTH16P20 Datasheet
79Kb / 2P
   Standard Power MOSFET
IRFP250 IXYS-IRFP250 Datasheet
47Kb / 2P
   Standard Power MOSFET
IXTH11P50 IXYS-IXTH11P50 Datasheet
573Kb / 4P
   Standard Power MOSFET
IXTT24P20 IXYS-IXTT24P20 Datasheet
563Kb / 5P
   Standard Power MOSFET
IXTH36P10 IXYS-IXTH36P10 Datasheet
81Kb / 2P
   Standard Power MOSFET
IXTH10P60 IXYS-IXTH10P60 Datasheet
70Kb / 2P
   Standard Power MOSFET
IXTH5N100 IXYS-IXTH5N100 Datasheet
104Kb / 4P
   Standard Power MOSFET
IXTH50P10 IXYS-IXTH50P10 Datasheet
79Kb / 2P
   Standard Power MOSFET
IXTT50P10 IXYS-IXTT50P10 Datasheet
123Kb / 4P
   Standard Power MOSFET
IXTH12N50A IXYS-IXTH12N50A Datasheet
97Kb / 4P
   Standard Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com