Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXBF40N160 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXBF40N160
Description  High Voltage BIMOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBF40N160 Datasheet(HTML) 4 Page - IXYS Corporation

  IXBF40N160 Datasheet HTML 1Page - IXYS Corporation IXBF40N160 Datasheet HTML 2Page - IXYS Corporation IXBF40N160 Datasheet HTML 3Page - IXYS Corporation IXBF40N160 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2000 IXYS All rights reserved
4 - 4
IXBF 40N140
IXBF 40N160
I
C - Amperes
0
10203040
0
10
20
30
40
50
Pulse Width - Seconds
0.00001
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
R
G - Ohms
0
10
203040
0
100
200
300
400
Single Pulse
IXBF40
V
CE = 960V
V
GE = 15V
R
G = 22W
T
J = 125°C
V
CE = 960V
V
GE = 15V
I
C = 20A
T
J = 125°C
Fig. 7 Typ. Fall Time
Fig. 8 Typ. Turn Off Delay Time
Fig. 9 Typ. Transient Thermal Impedance


Similar Part No. - IXBF40N160

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBF42N300 IXYS-IXBF42N300 Datasheet
209Kb / 6P
   High Voltage, BiMOSFETTM Monolithic Bipolar MOS Transistor
More results

Similar Description - IXBF40N160

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L412 IXYS-L412 Datasheet
91Kb / 4P
   High Voltage BIMOSFET
IXBT32N300HV IXYS-IXBT32N300HV Datasheet
309Kb / 6P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH15N140 IXYS-IXBH15N140 Datasheet
63Kb / 4P
   High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBH9N140G IXYS-IXBH9N140G Datasheet
63Kb / 4P
   High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBH20N140 IXYS-IXBH20N140 Datasheet
61Kb / 4P
   High Voltage BIMOSFET Monolithic Bipolar MOS Transistor
IXBH10N170 IXYS-IXBH10N170 Datasheet
596Kb / 5P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
MMIX4B22N300 IXYS-MMIX4B22N300 Datasheet
238Kb / 6P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBF12N300 IXYS-IXBF12N300 Datasheet
207Kb / 5P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBH16N170A IXYS-IXBH16N170A Datasheet
51Kb / 2P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
IXBT20N360HV IXYS-IXBT20N360HV Datasheet
286Kb / 6P
   High Voltage, High Gain BIMOSFET Monolithic Bipolar MOS Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com