Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT16646DGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ABT16646DGG
Description  16-bit bus transceiver/register 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16646DGG Datasheet(HTML) 3 Page - NXP Semiconductors

  74ABT16646DGG Datasheet HTML 1Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 2Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 3Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 4Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 5Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 6Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 7Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 8Page - NXP Semiconductors 74ABT16646DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16646
74ABTH16646
16-bit bus transceiver/register (3-State)
1998 Feb 27
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
27
28
30
29
1DIR
1CPAB
1SAB
GND
1A0
1A1
1A2
1A3
1A4
GND
1A5
1A6
1A7
2A0
2A2
GND
2A3
VCC
2A1
2A4
2A5
2A6
2A7
2SAB
VCC
GND
2CPAB
2DIR
1OE
1CPBA
1SBA
GND
1B0
1B1
1B2
1B3
1B4
GND
1B5
1B6
1B7
2B0
2B2
GND
2B3
VCC
2B1
2B4
2B5
2B6
2B7
2SBA
VCC
GND
2CPBA
20E
SH00026
FUNCTION TABLE
INPUTS
DATA I/O
OPERATING MODE
nOE
nDIR
nCPAB
nCPBA
nSAB
nSBA
nAx
nBx
OPERATING MODE
X
X
X
X
X
Input
Unspecified
output*
Store A, B unspecified
X
X
X
X
X
Unspecified
output*
Input
Store B, A unspecified
H
H
X
X
H or L
H or L
X
X
X
X
Input
Input
Store A and B data
Isolation, hold storage
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real time B data to A bus
Stored B data to A bus
L
L
H
H
X
H or L
X
X
L
H
X
X
Input
Output
Real time A data to B bus
Stored A data to B bus
H = High voltage level
L
= Low voltage level
X = Don’t care
↑ = Low-to-High clock transition
*
The data output function may be enabled or disabled by various signals at the nOE input. Data input functions are always enabled, i.e.,
data at the bus pins will be stored on every Low–to–High transition of the clock.


Similar Part No. - 74ABT16646DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ABT16646DGGRE4 TI-74ABT16646DGGRE4 Datasheet
247Kb / 15P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74ABT16646DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT16652A NEXPERIA-74LVT16652A Datasheet
233Kb / 22P
   3.3 V 16-bit bus transceiver/register; 3-state
logo
NXP Semiconductors
74LVT16652A PHILIPS-74LVT16652A_15 Datasheet
122Kb / 21P
   3.3 V 16-bit bus transceiver/register; 3-state
Rev. 03-12 January 2005
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com