Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2177S Datasheet(PDF) 11 Page - International Rectifier

Part # IR2177S
Description  Phase Current Sensor IC for AC motor control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2177S Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2177S Datasheet HTML 7Page - International Rectifier IR2177S Datasheet HTML 8Page - International Rectifier IR2177S Datasheet HTML 9Page - International Rectifier IR2177S Datasheet HTML 10Page - International Rectifier IR2177S Datasheet HTML 11Page - International Rectifier IR2177S Datasheet HTML 12Page - International Rectifier IR2177S Datasheet HTML 13Page - International Rectifier IR2177S Datasheet HTML 14Page - International Rectifier IR2177S Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IR2277S/IR2177S(PbF)
11
www.irf.com
1
Device Description
1.1 SYNC input
Sync input clocks the whole device. In order to
make
the
device
work
properly
it
must
be
synchronous with the triangular PWM carrier as
shown in Figure 8.
SYNC pin is internally pulled-down (10 k
Ω) to V
SS.
1.2 PWM Output (PO)
PWM output is an open collector output (active low).
It must be pulled-up to proper supply with an
external resistor (suggested value between 500
and 10k
Ω).
Figure 7: PO rising and falling slopes
PO pull-up resistor determines the rising slope of
the PO output and the lower value of PO as shown
in Figure 7, where
RC
=
τ
, C is the total PO pin
capacitance and R is the pull-up resistance.
up
pull
on
on
low
R
R
R
Supply
V
+
=
where
Ron is the internal open collector resistance
and
Rpull-up is the external pull-up resistance.
PO duty cycle is defined for active low logic by the
following formula:
Eq. 1
n
cycle
n
cycle
off
n
T
T
D
_
1
_
_
+
=
PO duty cycle (
Dn) swings between 10% and 30%.
Zero input voltage corresponds to 20% duty cycle.
A residual offset can be read in PO duty cycle
according
to
VPOs
(see
Static
electrical
characteristics).
According to
Figure 8, it can be assumed that odd cycles are
represented by SYNC at high level (let’s name
channel 1 the output related to this state of SYNC)
and even cycles represented by SYNC at low level
(channel 2).
The two channels are independent in order to
provide the correct duty cycle value of PO even for
non-50% duty cycle of SYNC signal. Small variation
of
SYNC
duty
cycle
are
then
allowed
and
automatically corrected when calculating the duty
cycle using Eq. 1.
However, channel 1 and channel 2 can have a
difference in offset value which is specified in
∆V
POS (see Static electrical characteristics).
To implement a correct offset compensation of PO
duty cycle and analog OUT, each channel must be
compensated separately.
1.3 Over Current output (OC)
OC output is an open drain pin (active low).
A simplified block diagram of the over current circuit
is shown in the
Figure 9.
Over current is detected when |
Vin|=|Vinp-Vinm|>VOCth.
If an event of over current lasts longer than tdOCon,
OC pin is forced to VSS and remains latched until
PO is externally forced low for at least tOCoff (see
timing on Figure 4). During an over current event
(OC is low), PO is off (pulled-up by external
resistor).
If OC is reset by PO and over current is still active,
OC pin will be forced low again by the next edge of
SYNC signal.
To reset OC state PO must be forced to VSS for at
least TOCoff.
Autoreset function
The autoreset function consists in clearing
automatically the OC fault.
To enable the autoreset function, simply short
circuit the OC pin with the PO pin.
τ
Vlow
Supply


Similar Part No. - IR2177S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2177S IRF-IR2177S Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
logo
Infineon Technologies A...
IR2177S INFINEON-IR2177S Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
Data Sheet No. PD60233 revB
logo
International Rectifier
IR2177S IRF-IR2177S_15 Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
More results

Similar Description - IR2177S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR22771S IRF-IR22771S Datasheet
441Kb / 16P
   Phase Current Sensor IC for AC motor control
logo
Infineon Technologies A...
IR22771S INFINEON-IR22771S Datasheet
447Kb / 16P
   Phase Current Sensor IC for AC motor control
Data Sheet No. PD60234 revB
IR2277S INFINEON-IR2277S Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
Data Sheet No. PD60233 revB
logo
International Rectifier
IR2177S IRF-IR2177S_15 Datasheet
489Kb / 20P
   Phase Current Sensor IC for AC motor control
IR21771S IRF-IR21771S_15 Datasheet
447Kb / 16P
   Phase Current Sensor IC for AC motor control
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P Datasheet
772Kb / 14P
   3 PHASE BI-DIRECTIONAL FOR MOTOR CONTROL IC
logo
Hitachi Semiconductor
HA13532NT HITACHI-HA13532NT Datasheet
68Kb / 16P
   Three-Phase Stepping Motor Control IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
International Rectifier
IR2238Q IRF-IR2238Q_15 Datasheet
435Kb / 17P
   3-PHASE AC Motor Controller IC
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com