Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBLB25L30CT Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SBLB25L30CT
Description  Dual Low VF Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SBLB25L30CT Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SBLB25L30CT Datasheet HTML 1Page - GOOD-ARK Electronics SBLB25L30CT Datasheet HTML 2Page - GOOD-ARK Electronics SBLB25L30CT Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
Guardring for overvoltage protection
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
High temperature soldering guaranteed:
250°C/10 seconds, 0.25" (6.35mm) from case
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded
plastic body
Terminals: Plated leads, solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
390
s
e
i
r
e
S
T
C
x
x
L
5
2
B
L
B
S
&
T
C
x
x
L
5
2
F
L
B
S
,
T
C
x
x
L
5
2
L
B
S
V
w
o
L
l
a
u
D
F
s
r
e
i
f
i
t
c
e
R
r
e
i
r
r
a
B
y
k
t
t
o
h
c
S
s
e
r
e
p
m
A
0
.
5
2
t
n
e
r
r
u
C
d
r
a
w
r
o
F
s
t
l
o
V
0
3
o
t
0
2
e
g
a
t
l
o
V
e
s
r
e
v
e
R
TO-220AB
ITO-220AB
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)


Similar Part No. - SBLB25L30CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SBLB25L30CT GE-SBLB25L30CT Datasheet
95Kb / 2P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBLB25L30CT VISHAY-SBLB25L30CT Datasheet
160Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
01-Jan-2022
SBLB25L30CT-E3 VISHAY-SBLB25L30CT-E3 Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
SBLB25L30CTHE3 VISHAY-SBLB25L30CTHE3 Datasheet
157Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 08-Apr-08
More results

Similar Description - SBLB25L30CT

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SBL20XXCT GOOD-ARK-SBL20XXCT Datasheet
250Kb / 3P
   Dual Low VF Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCK240N SECOS-SCK240N Datasheet
277Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Jinan Jing Heng Electro...
SR860L JINGHENG-SR860L Datasheet
66Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SR1060LCT JINGHENG-SR1060LCT Datasheet
117Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
SS24LT JINGHENG-SS24LT Datasheet
60Kb / 3P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB3100L PANJIT-SB3100L Datasheet
399Kb / 4P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
SBL1650PT SIRECTIFIER-SBL1650PT Datasheet
125Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com