Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZM55-C11 Datasheet(PDF) 3 Page - GOOD-ARK Electronics

Part # BZM55-C11
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZM55-C11 Datasheet(HTML) 3 Page - GOOD-ARK Electronics

  BZM55-C11 Datasheet HTML 1Page - GOOD-ARK Electronics BZM55-C11 Datasheet HTML 2Page - GOOD-ARK Electronics BZM55-C11 Datasheet HTML 3Page - GOOD-ARK Electronics BZM55-C11 Datasheet HTML 4Page - GOOD-ARK Electronics BZM55-C11 Datasheet HTML 5Page - GOOD-ARK Electronics BZM55-C11 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
514
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(T
A=25
oC unless otherwise noted)
r
e
b
m
u
n
t
r
a
P
r
o
f
B
+
V
%
2
Z
e
g
a
t
l
o
v
r
e
n
e
Z
)
1
V
Z
I
@
T
Z
)
V
(e
c
n
a
t
s
i
s
e
r
c
i
m
a
n
y
D
t
s
e
T
t
n
e
r
r
u
c
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
c
i
f
f
e
o
c
K
T
Z
V
)
K
/
%
(
t
s
e
T
t
n
e
r
r
u
ct
n
e
r
r
u
c
e
g
a
k
a
e
l
e
s
r
e
v
e
R
.
n
i
M.
x
a
M
I
t
a
T
Z
z
H
k
1
=
f
r
j
z (Ω
Ω)
I
t
a
K
Z
z
H
k
1
=
f
r
j
z (Ω
Ω)
I
T
Z
)
A
m
(.
n
i
M.
x
a
M
I
K
Z
)
A
m
(
t
a
T
b
m
a
5
2
= oC
I
R (u
)
A
t
a
T
b
m
a
0
5
1
=
oC
I
R (u
)
A
V
t
a
R
)
s
t
l
o
V
(
4
V
2
B
-
5
5
M
Z
B5
3
.
25
4
.
25
8
<0
0
6
<5
9
0
.
0
-6
0
.
0
-1
0
5
<0
0
1
<1
7
V
2
B
-
5
5
M
Z
B5
6
.
26
7
.
25
8
<0
0
6
<5
9
0
.
0
-6
0
.
0
-1
0
1
<0
5
<1
0
V
3
B
-
5
5
M
Z
B4
9
.
26
0
.
30
9
<0
0
6
<5
8
0
.
0
-5
0
.
0
-1
4
<0
4
<1
3
V
3
B
-
5
5
M
Z
B4
2
.
36
3
.
30
9
<0
0
6
<5
8
0
.
0
-5
0
.
0
-1
2
<0
4
<1
6
V
3
B
-
5
5
M
Z
B2
5
.
38
6
.
30
9
<0
0
6
<5
8
0
.
0
-5
0
.
0
-1
2
<0
4
<1
9
V
3
B
-
5
5
M
Z
B2
8
.
38
9
.
30
9
<0
0
6
<5
6
0
.
0
-3
0
.
0
-1
2
<0
4
<1
3
V
4
B
-
5
5
M
Z
B2
2
.
48
3
.
40
9
<0
0
6
<5
5
0
.
0
-2
0
.
0
+1
1
<0
2
<1
7
V
4
B
-
5
5
M
Z
B6
.
48
.
40
8
<0
0
6
<5
2
0
.
0
-2
0
.
0
+1
5
.
0
<0
1
<1
1
V
5
B
-
5
5
M
Z
B0
0
.
50
2
.
50
6
<0
5
5
<5
5
0
.
0
-5
0
.
0
+1
1
.
0
<2
<1
6
V
5
B
-
5
5
M
Z
B8
4
.
52
7
.
50
4
<0
5
4
<5
3
0
.
0
+6
0
.
0
+1
1
.
0
<2
<1
2
V
6
B
-
5
5
M
Z
B8
0
.
62
3
.
60
1
<0
0
2
<5
3
0
.
0
+7
0
.
0
+1
1
.
0
<2
<2
8
V
6
B
-
5
5
M
Z
B6
6
.
64
9
.
68
<0
5
1
<5
3
0
.
0
+7
0
.
0
+1
1
.
0
<2
<3
5
V
7
B
-
5
5
M
Z
B5
3
.
75
6
.
77
<0
5
<5
3
0
.
0
+8
0
.
0
+1
1
.
0
<2
<5
2
V
8
B
-
5
5
M
Z
B4
0
.
86
3
.
87
<0
5
<5
3
0
.
0
+9
0
.
0
+1
1
.
0
<2
<2
.
6
1
V
9
B
-
5
5
M
Z
B2
9
.
88
2
.
90
1
<0
5
<5
3
0
.
0
+1
.
0
+1
1
.
0
<2
<8
.
6
0
1
B
-
5
5
M
Z
B0
8
.
90
2
.
0
15
1
<0
7
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<5
.
7
1
1
B
-
5
5
M
Z
B8
7
.
0
12
2
.
1
10
2
<0
7
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<2
.
8
2
1
B
-
5
5
M
Z
B6
7
.
1
14
2
.
2
10
2
<0
9
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<1
.
9
3
1
B
-
5
5
M
Z
B4
7
.
2
16
2
.
3
16
2
<0
1
1
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<0
1
5
1
B
-
5
5
M
Z
B0
7
.
4
10
3
.
5
10
3
<0
1
1
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<1
1
6
1
B
-
5
5
M
Z
B0
7
.
5
10
3
.
6
10
4
<0
7
1
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<2
1
8
1
B
-
5
5
M
Z
B4
6
.
7
16
3
.
8
10
5
<0
7
1
<5
3
0
.
0
+1
1
.
0
+1
1
.
0
<2
<3
1
0
2
B
-
5
5
M
Z
B0
6
.
9
10
4
.
0
25
5
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<5
1
2
2
B
-
5
5
M
Z
B5
5
.
1
25
4
.
2
25
5
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<6
1
4
2
B
-
5
5
M
Z
B0
5
.
3
20
5
.
4
20
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<8
1
7
2
B
-
5
5
M
Z
B0
4
.
6
20
6
.
7
20
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<0
2
0
3
B
-
5
5
M
Z
B0
4
.
9
20
6
.
0
30
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<2
2
3
3
B
-
5
5
M
Z
B0
4
.
2
30
6
.
3
30
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<4
2
6
3
B
-
5
5
M
Z
B0
3
.
5
30
7
.
6
30
8
<0
2
2
<5
4
0
.
0
+2
1
.
0
+1
1
.
0
<2
<7
2
9
3
B
-
5
5
M
Z
B0
2
.
8
30
8
.
9
30
9
<0
0
5
<5
.
24
0
.
0
+2
1
.
0
+1
1
.
0
<5
<0
3
3
4
B
-
5
5
M
Z
B0
1
.
2
40
9
.
3
40
9
<0
0
6
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<5
<3
3
7
4
B
-
5
5
M
Z
B0
1
.
6
40
9
.
7
40
1
1
<0
0
7
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<5
<6
3
1
5
B
-
5
5
M
Z
B0
0
.
0
50
0
.
2
55
2
1
<0
0
7
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<9
3
6
5
B
-
5
5
M
Z
B0
9
.
4
50
1
.
7
55
3
1
<0
0
0
1
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<3
4
2
6
B
-
5
5
M
Z
B0
8
.
0
60
2
.
3
60
5
1
<0
0
0
1
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<7
4
8
6
B
-
5
5
M
Z
B0
6
.
6
60
4
.
9
60
0
2
<0
0
0
1
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<1
5
5
7
B
-
5
5
M
Z
B0
5
.
3
70
5
.
6
70
5
2
<0
0
5
1
<5
.
24
0
.
0
+2
1
.
0
+5
.
01
.
0
<0
1
<6
5
Notes:
1. t
p < 10 ms, T/tp > 1000.
*) Additionnal measurement of Voltage group 9V1 to 75 at 95 % V
zmin < 35 nA at Tj 25
oC


Similar Part No. - BZM55-C11

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZM55-C11 PANJIT-BZM55-C11 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
BZM55-C11 PANJIT-BZM55-C11 Datasheet
109Kb / 5P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZM55-C11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com