Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM73-102R0 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM73-102R0
Description  Shielded Low Profile Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HM73-102R0 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM73-102R0 Datasheet HTML 1Page - List of Unclassifed Manufacturers HM73-102R0 Datasheet HTML 2Page - List of Unclassifed Manufacturers HM73-102R0 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
52
Notes:
(1) The rated current is the approximate current at which inductance will be decreased by 20% from its initial (zero DC) value.
(2) The Heating Current is the DC current which causes the component temperature to increase by approximately 50°C.
This current is determined by soldering the component on a typical application PCB, and then apply the current to the
component for 30 minutes.
(3) Isat is the saturation current at which inductance rolls off approximately 30% from its initial unbias inductance value.
(4) PC Board layout, proximity of other components, trace size and airflow will affect temperature rise and must be considered
when selecting an inductor.
Specifications @ 25°C (Cont’d)
HM73-50140
14.0
12.00
5.5
9.5
10.0
11.0
13.2
.335/8.50
1
HM73-5015R5
15.5
13.00
5.0
9.9
10.0
15.0
18.2
.315/8.00
1
HM73-5020R9
20.9
17.00
4.5
8.0
8.0
16.0
19.0
.315/8.00
1
HM73-5026R5
26.5
22.50
4.6
7.0
8.8
21.0
25.2
.355/9.00
1
Packaging
Standard: Embossed Tape & Reel
(1)
Case size 10 & 10L
Reel: Diameter:
7”(177.8mm)
13” (330.2mm)
Capacity:
=
250 Units
1000 Units
(2)
Other case sizes
Reel: Diameter: Case size 15, 20, 30, 31, 40, 50 = 13” (330.2mm)
Capacity : Case size 20, 30, 31, 40
=
400 Units
Case size 15
=
500 Units
Case size 50
=
250 Units
Ordering Information
Inductance
Irated
(1)
Isat (3)
100 kHz 0.1V
Rated
Heating(2)
Saturation
DC Resistance
Height
Part
@ O Adc
@ Irated
Current
Current
Current
m
m
Inch/mm
Number
µH ±20%
µH Typ.
Amps
Amps
Amps
Typ.
Max.
Max.
Figure
Inductance Code:
First 2 digits are significant.
Last digit denotes the number
of trailing zeros. For values
below 10µH, “R“ denotes the
decimal point.
Case Size:
10, 31 = Figure 2
10, 10L, 15, 20, 30, 40, 50 = Figure 1
Model Series
Tape & Reel Packaging
7 – 7” reel
13 – 13” reel
Lead-Free Option:
LF = Lead-Free
(No code used for non lead-free part)
HM73
20
1R5
LF
TR


Similar Part No. - HM73-102R0

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM73-102R0LF BITECH-HM73-102R0LF Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM73-102R0LF BITECH-HM73-102R0LF Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73-102R0LF TTELEC-HM73-102R0LF Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
More results

Similar Description - HM73-102R0

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com