Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM75-102R2LF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM75-102R2LF
Description  High Current Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HM75-102R2LF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM75-102R2LF Datasheet HTML 1Page - List of Unclassifed Manufacturers HM75-102R2LF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
55
Ordering Information
Outline Dimensions (Inch/mm)
Packaging
Standard: Embossed Tape and Reel
Reel: Diameter:
=
13” (330.2mm)
Capacity:
Case size 10
=
1,000 Units
Case size 20
=
550 Units
Case size 30
=
450 Units
Case size 40
=
275 Units
Case size 50
=
250 Units
Inductance Code:
First 2 digits are significant. Last digit denotes
the number of trailing zeros. For values below
10µH, “R“ denotes the decimal point.
Model Series
Case Size:
Tape & Reel Packing
Lead Free
HM75
20
101
LF
TR


Similar Part No. - HM75-102R2LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM75-102R2LF BITECH-HM75-102R2LF Datasheet
453Kb / 2P
   High Current Surface Mount Inductors RoHS
More results

Similar Description - HM75-102R2LF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IHSM7832ER103L VISHAY-IHSM7832ER103L Datasheet
80Kb / 2P
   High Current, Surface Mount Inductors
Revision: 05-Feb-11
IDC-1813 VISHAY-IDC-1813 Datasheet
111Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Jun-17
IHSM-7832 VISHAY-IHSM-7832_13 Datasheet
86Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Sep-13
IDCP1813ER470M VISHAY-IDCP1813ER470M Datasheet
97Kb / 2P
   High Current, Surface Mount Inductors
Revision: 24-Feb-11
IDCP-3916 VISHAY-IDCP-3916_17 Datasheet
109Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Jun-17
IHSM-5832 VISHAY-IHSM-5832_13 Datasheet
92Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Sep-13
logo
Filtran LTD
8402-XXX FILTRAN-8402-XXX Datasheet
189Kb / 1P
   Inductors Surface Mount High Current Power Inductors
logo
API Delevan
8532-46K API-8532-46K Datasheet
1Mb / 1P
   High Current Surface Mount Power Inductors
logo
List of Unclassifed Man...
4922-221L ETC1-4922-221L Datasheet
32Kb / 1P
   High Current Surface Mount Power Inductors
logo
Vishay Siliconix
IDCS-5020 VISHAY-IDCS-5020_17 Datasheet
81Kb / 2P
   High Current, Surface Mount Inductors - Shielded
Revision: 21-Apr-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com