Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT16652 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74ABT16652
Description  16-bit transceiver/register, non-inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT16652 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74ABT16652 Datasheet HTML 3Page - NXP Semiconductors 74ABT16652 Datasheet HTML 4Page - NXP Semiconductors 74ABT16652 Datasheet HTML 5Page - NXP Semiconductors 74ABT16652 Datasheet HTML 6Page - NXP Semiconductors 74ABT16652 Datasheet HTML 7Page - NXP Semiconductors 74ABT16652 Datasheet HTML 8Page - NXP Semiconductors 74ABT16652 Datasheet HTML 9Page - NXP Semiconductors 74ABT16652 Datasheet HTML 10Page - NXP Semiconductors 74ABT16652 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16652
74ABTH16652
16-bit transceiver/register, non-inverting (3-State)
1998 Feb 27
7
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
MIN
TYP
MAX
MIN
MAX
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
4.0
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.35
0.55
0.55
V
VRST
Power-up output low
voltage3
VCC = 5.5V; IOL = 1mA; VI = GND or VCC
0.13
0.55
0.55
V
I
Input leakage current
V
55V; V
GND or V
Control
±001
±10
±10
A
II
Input leakage current
VCC = 5.5V; VI = GND or VCC
Control
pins
±0.01
±1.0
±1.0
µA
B
H ld
t A
B
VCC = 4.5V; VI = 0.8V
35
35
IHOLD
Bus Hold current A or B
Ports5 74ABTH16652
VCC = 4.5V; VI = 2.0V
–75
–75
µA
VCC = 5.5V; VI = 0 to 5.5V
±800
IOFF
Power-off leakage current
VCC = 0V; VO = 4.5V; VI = 0V or 5.5V
±1.0
±100
±100
µA
IPU/PD
Power-up/down 3-State
output current4
VCC = 2.1V; VO = 0.0V; VI = GND or VCC
±1.0
±50
±50
µA
IIH + IOZH
3-State output High current
VCC = 5.5V; VO = 5.5V; VI = VIL or VIH
1.0
10
10
µA
IIL + IOZL
3-State output Low current
VCC = 5.5V; VO = 0.0V; VI = VIL or VIH
–1.0
–10
–10
µA
ICEX
Output High leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or Vcc
5.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–80
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High,
VI = GND or VCC
0.5
2
2
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
8
19
19
mA
ICCZ
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
0.5
2
2
mA
∆ICC
Additional supply current
per input pin2
74ABT16652
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
5.0
50
50
µA
∆ICC
Additional supply current
per input pin2
74ABTH16652
VCC = 5.5V; one input at 3.4V,
other inputs at VCC or GND
200
500
500
µA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power.
4. This parameter is valid for any VCC between 0 and 2.1V. When the part enables with VCC between 2.1V and 4.5V, the outputs will correctly
function with respect to all input logic states.
5. This is the bus hold overdrive current required to force the input to the opposite logic state.


Similar Part No. - 74ABT16652

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT16652 FAIRCHILD-74ABT16652 Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16652CMTD FAIRCHILD-74ABT16652CMTD Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16652CMTDX FAIRCHILD-74ABT16652CMTDX Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16652CSSC FAIRCHILD-74ABT16652CSSC Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
74ABT16652CSSCX FAIRCHILD-74ABT16652CSSCX Datasheet
92Kb / 9P
   16-Bit Transceivers and Registers with 3-STATE Outputs
More results

Similar Description - 74ABT16652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
Motorola, Inc
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
NXP Semiconductors
MB2623 PHILIPS-MB2623 Datasheet
87Kb / 12P
   16-bit transceiver with dual enable, non-inverting 3-State
1998 Jan 16
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com