Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZM55-B6V2 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # BZM55-B6V2
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

BZM55-B6V2 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  BZM55-B6V2 Datasheet HTML 1Page - GOOD-ARK Electronics BZM55-B6V2 Datasheet HTML 2Page - GOOD-ARK Electronics BZM55-B6V2 Datasheet HTML 3Page - GOOD-ARK Electronics BZM55-B6V2 Datasheet HTML 4Page - GOOD-ARK Electronics BZM55-B6V2 Datasheet HTML 5Page - GOOD-ARK Electronics BZM55-B6V2 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
512
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
Saving space
Hermetic sealed parts
Electrical data identical with the devices BZT55..Series
Fits onto SOD-323 / SOD-110 footprints
Very sharp reverse characteristic
Low reverse current level
Very high stability
Low noise
Available with tighter tolerances
For voltage stabilization
Case: MicroMELF
Weight: approx. 12 mg
s
e
i
r
e
S
5
5
M
Z
B
s
e
d
o
i
D
r
e
n
e
Z
W
m
0
0
5
:
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
s
t
l
o
V
5
7
o
t
4
.
2
:
e
g
n
a
R
e
g
a
t
l
o
V
r
e
n
e
Z
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
amb=25
oC, unless otherwise specified)
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Se
u
l
a
Vt
i
n
U
)
"
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
"
e
l
b
a
T
e
e
s
(
t
n
e
r
r
u
c
r
e
n
e
Z
I
Z
P
t
o
t
V
/
Z
A
m
R
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
A
J
h
t
<
W
/
K
0
0
3P
t
o
t
0
0
5W
m
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
g
t
s
5
7
1
+
o
t
5
6
-
oC
I
t
a
e
g
a
t
l
o
v
d
r
a
w
r
o
F
F
A
m
0
0
2
=V
F
5
.
1V
)
1
.
g
i
F
,
e
u
s
s
i
t
d
r
a
h
s
s
a
l
g
-
y
x
o
p
e
n
o
d
e
t
n
u
o
m
(
t
n
e
i
b
m
a
n
o
i
t
c
n
u
JR
θ A
J
0
0
5W
/
K
5
3
(
t
n
e
i
b
m
a
n
o
i
t
c
n
u
J
u
m
m
9
.
0
,
d
a
l
c
r
e
p
p
o
c
m
2
r
e
p
a
e
r
a
r
e
p
p
o
c
)
)
e
d
o
r
t
c
e
l
e
R
θ L
J
0
0
3W
/
K
Package Dimensions in mm (inches)


Similar Part No. - BZM55-B6V2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZM55-C10 PANJIT-BZM55-C10 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
BZM55-C10 PANJIT-BZM55-C10 Datasheet
109Kb / 5P
   SURFACE MOUNT ZENER DIODES
BZM55-C11 PANJIT-BZM55-C11 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
BZM55-C11 PANJIT-BZM55-C11 Datasheet
109Kb / 5P
   SURFACE MOUNT ZENER DIODES
BZM55-C12 PANJIT-BZM55-C12 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - BZM55-B6V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com