Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT16541DGG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BT16541DGG
Description  16-bit buffer/line driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT16541DGG Datasheet(HTML) 5 Page - NXP Semiconductors

  BT16541DGG Datasheet HTML 1Page - NXP Semiconductors BT16541DGG Datasheet HTML 2Page - NXP Semiconductors BT16541DGG Datasheet HTML 3Page - NXP Semiconductors BT16541DGG Datasheet HTML 4Page - NXP Semiconductors BT16541DGG Datasheet HTML 5Page - NXP Semiconductors BT16541DGG Datasheet HTML 6Page - NXP Semiconductors BT16541DGG Datasheet HTML 7Page - NXP Semiconductors BT16541DGG Datasheet HTML 8Page - NXP Semiconductors BT16541DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16541
74ABTH16541
16-bit buffer/line driver (3-State)
1998 Feb 25
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = +25°C
Tamb = –40°C
to +85
°C
UNIT
Min
Typ
Max
Min
Max
VIK
Input clamp voltage
VCC = 4.5V; IIK = –18mA
–0.9
–1.2
–1.2
V
VCC = 4.5V; IOH = –3mA; VI = VIL or VIH
2.5
2.9
2.5
V
VOH
High-level output voltage
VCC = 5.0V; IOH = –3mA; VI = VIL or VIH
3.0
3.4
3.0
V
VCC = 4.5V; IOH = –32mA; VI = VIL or VIH
2.0
2.4
2.0
V
VOL
Low-level output voltage
VCC = 4.5V; IOL = 64mA; VI = VIL or VIH
0.42
0.55
0.55
V
II
Input leakage current
VCC = 5.5V; VI = GND or 5.5V
±0.01
±1.0
±1.0
µA
I
Input leakage current
VCC = 5.5V; VI = VCC or GND
Control
pins
±0.01
±1
±1
µA
II
In ut leakage current
74ABTH16541
VCC = 5.5V; VI = VCC
Data pins
0.01
1
1
µA
VCC = 5.5V; VI = 0
Data ins
–2
–3
–5
µA
Bus Hold current A inputs3
VCC = 4.5V; VI = 0.8V
50
50
IHOLD
Bus Hold current A inputs3
74ABTH16541
VCC = 4.5V; VI = 2.0V
–75
–75
µA
74ABTH16541
VCC = 5.5V; VI = 0 to 5.5V
±500
IOFF
Power-off leakage current
VCC = 0.0V; VO or VI ≤ 4.5V
±5.0
±100
±100
µA
IPU/IPD
Power-up/down 3-State
output current
VCC = 2.0V; VO = 0.5V; VI = GND or VCC;
VOE = VCC
±5.0
±50
±50
µA
IOZH
3-State output High current
VCC = 5.5V; VO = 2.7V; VI = VIL or VIH
1.0
10
10
µA
IOZL
3-State output Low current
VCC = 5.5V; VO = 0.5V; VI = VIL or VIH
–1.0
–10
–10
µA
ICEX
Output high leakage current
VCC = 5.5V; VO = 5.5V; VI = GND or VCC
1.0
50
50
µA
IO
Output current1
VCC = 5.5V; VO = 2.5V
–50
–70
–180
–50
–180
mA
ICCH
VCC = 5.5V; Outputs High, VI = GND or VCC
0.5
1.0
1.0
mA
ICCL
Quiescent supply current
VCC = 5.5V; Outputs Low, VI = GND or VCC
8
19
19
mA
ICCZ
Quiescent su
ly current
VCC = 5.5V; Outputs 3-State;
VI = GND or VCC
0.5
1.0
1.0
mA
∆ICC
Additional supply current per
input pin2 74ABT16541
Outputs enabled, one input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
100
250
250
µA
∆ICC
Additional supply current per
input pin2 74ABTH16541
Outputs enabled, one input at 3.4V, other
inputs at VCC or GND; VCC = 5.5V
0.2
1.0
1.0
mA
NOTES:
1. Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
2. This is the increase in supply current for each input at 3.4V.
3. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40°C to +85°C
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
nIx to nYx
1
1.0
1.0
2.0
1.5
3.0
3.6
1.0
1.0
3.4
4.2
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.3
1.6
2.9
3.1
4.3
4.7
1.3
1.6
5.2
6.0
ns
tPHZ
tPLZ
Output disable time
from High and Low level
2
1.3
1.0
3.5
2.8
4.4
3.6
1.3
1.0
5.1
3.9
ns


Similar Part No. - BT16541DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT16500CDGG PHILIPS-BT16500CDGG Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
BT16500CDL PHILIPS-BT16500CDL Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
BT16501ADGG PHILIPS-BT16501ADGG Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
BT16501ADL PHILIPS-BT16501ADL Datasheet
88Kb / 13P
   18-bit universal bus transceiver 3-State
1998 Feb 27
More results

Similar Description - BT16541DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
   16-bit buffer/line driver 3-State
1998 Oct 07
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT16244A NEXPERIA-74ABT16244A Datasheet
207Kb / 11P
   16-bit buffer/line driver; 3-state
Rev. 9 - 5 July 2021
logo
NXP Semiconductors
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
   16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
74LVCH16541A PHILIPS-74LVCH16541A_15 Datasheet
168Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 3-15 February 2012
logo
Nexperia B.V. All right...
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
   16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
   16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com