Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH16260DGG Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BH16260DGG
Description  12-bit to 24-bit multiplexed D-type latches 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BH16260DGG Datasheet(HTML) 2 Page - NXP Semiconductors

  BH16260DGG Datasheet HTML 1Page - NXP Semiconductors BH16260DGG Datasheet HTML 2Page - NXP Semiconductors BH16260DGG Datasheet HTML 3Page - NXP Semiconductors BH16260DGG Datasheet HTML 4Page - NXP Semiconductors BH16260DGG Datasheet HTML 5Page - NXP Semiconductors BH16260DGG Datasheet HTML 6Page - NXP Semiconductors BH16260DGG Datasheet HTML 7Page - NXP Semiconductors BH16260DGG Datasheet HTML 8Page - NXP Semiconductors BH16260DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74ABT16260
74ABTH16260
12-bit to 24-bit multiplexed D-type latches (3-State)
2
1998 Feb 10
853-2048-18945
FEATURES
ESD protection exceeds 2000V per Mil-Std-883C, Method 3015;
exceeds 200V using machine model (C = 200pF, R = 0).
Latch-up performance exceeds 500mA per JEDEC Standard
JESD-17.
Distributed V
CC and GND pin configuration minimizes high-speed
switching noise.
Flow-through architecture optimizes PCB layout.
High-drive outputs (–32mA I
OH, 64mA IOL).
74ABTH16260 incorporates bus-hold inputs which eliminate the
need for external pull-up resistors.
Package options:
– 56-pin plastic Shrink Small-Outline Package (SSOP)
– 56-pin plastic Thin Shrink Small-Outline Package (TSSOP)
DESCRIPTION
The 74ABT16260/74ABTH16260 is a 12-bit to 24-bit multiplexed
D-type latch used in applications where two separate data paths
must be multiplexed onto, or demultiplexed from, a single data path.
Typical applications include multiplexing and/or demultiplexing of
address and data information in microprocessor or bus-interface
applications. This device is alto useful in memory-interleaving
applications.
Three 12-bit I/O ports (A1–A12, 1B1–1B12, and 2B1–2B12) are
available for address and/or data transfer. The output enable (OE1B,
OE2B, and OEA) inputs control the bus transceiver functions. The
OE1B and OE2B control signals also allow bank control in the A to
B direction.
Address and/or data information can be stored using the internal
storage latches. The latch enable (LE1B, LE2B, LEA1B, and
LEA2B) inputs are used to control data storage. When the latch
enable input is high, the latch is transparent. When the latch enable
input goes low, the data present at the inputs is latched and remains
latched until the latch enable input is returned high.
To ensure the high-impedance state during power-up or
power-down, OE should be tied to VCC through a pull-up resistor;
the minimum value of the resistor is determined by the current
sinking capability of the driver.
The 74ABTH incorporates the bus hold feature. The 74ABT does
not include bus hold feature. Both parts are available in 56-pin
SSOP and TSSOP.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
Propagation delay
C =50 pF
2.8
ns
tPHL
nAx to nBx
nBx to nAx
CL = 50 pF
2.5
ns
CIN
Input capacitance
VI = 0 V or VCC
4
pF
COUT
Output capacitance
VI/O = 0 V or 5.0 V
6
pF
ICCZ
Total supply current
Outputs disabled
100
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABT16260 DL
BT16260 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABT16260 DGG
BT16260 DGG
SOT364-1
56-Pin Plastic SSOP Type III
–40
°C to +85°C
74ABTH16260 DL
BH16260 DL
SOT371-1
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ABTH16260 DGG
BH16260 DGG
SOT364-1
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
8, 9, 10, 12, 13, 14, 15, 16, 17, 19, 20, 21
An
Data inputs/outputs (A)
23, 24, 26, 31, 33, 34, 36, 37, 38, 40, 41, 42
1Bn
Data inputs/outputs (B1)
6, 5, 3, 54, 52, 51, 49, 48, 47, 45, 44, 43
2Bn
Data inputs/outputs (B2)
1, 29, 56
OEA, OE1B, OE2B
Output enable input (active low)
2, 27, 30, 55
LE1B, LE2B, LEA1B, LEA2B
Latch enable inputs


Similar Part No. - BH16260DGG

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH162 ADAM-TECH-BH162 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
logo
Rohm
BH1620FVC ROHM-BH1620FVC Datasheet
312Kb / 10P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC-TR ROHM-BH1620FVC-TR Datasheet
312Kb / 10P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
More results

Similar Description - BH16260DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16260 PHILIPS-74ALVT16260 Datasheet
91Kb / 14P
   12-bit to 24-bit multiplexed D-type latches 3-State
1998 Jan 30
logo
Texas Instruments
SN54ABT16260 TI-SN54ABT16260 Datasheet
123Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162260 HITACHI-HD74ALVCH162260 Datasheet
61Kb / 15P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
HD74ALVCH16260 HITACHI-HD74ALVCH16260 Datasheet
57Kb / 12P
   12-bit to 24-bit Multiplexed D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16260 TI1-SN54ABT16260_08 Datasheet
324Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABTH162260 TI1-SN54ABTH162260_08 Datasheet
361Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN54ABTH162260 TI-SN54ABTH162260 Datasheet
138Kb / 8P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCHES WITH SERIES-DAMPING RESISTORS AND 3-STATE OUTPUTS
SN74ALVC16260 TI1-SN74ALVC16260 Datasheet
159Kb / 9P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16260 TI-SN74ALVCH16260 Datasheet
134Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16260 PERICOM-PI74ALVCH16260 Datasheet
280Kb / 5P
   12-Bit To 24-Bit Multiplexed D-Type Latch with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com