Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH16273DL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BH16273DL
Description  16-bit D-type flip-flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BH16273DL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BH16273DL Datasheet HTML 2Page - NXP Semiconductors BH16273DL Datasheet HTML 3Page - NXP Semiconductors BH16273DL Datasheet HTML 4Page - NXP Semiconductors BH16273DL Datasheet HTML 5Page - NXP Semiconductors BH16273DL Datasheet HTML 6Page - NXP Semiconductors BH16273DL Datasheet HTML 7Page - NXP Semiconductors BH16273DL Datasheet HTML 8Page - NXP Semiconductors BH16273DL Datasheet HTML 9Page - NXP Semiconductors BH16273DL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16273
74ABTH16273
16-bit D-type flip-flop
1998 Feb 27
6
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40 to +85 °C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
tS(H)
tS(L)
Setup time, High or Low
nDx to nCP
3
2.0
2.0
1.0
1.0
2.0
2.0
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
3
0
0
–0.6
–0.6
0
0
ns
tW(H)
tW(L)
Clock pulse width
High or Low
1
3.3
3.3
1.2
1.0
3.3
3.3
ns
tW(L)
Master Reset pulse width, Low
2
3.3
1.1
3.3
ns
tREC
Recovery time
nMR + nCP
2
2.0
0.0
2.0
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
VM
tPLH
tPHL
VM
VM
VM
nCP
nQx
1/fMAX
tW(H)
tW(L)
SH00056
VOL
VOH
0V
VM
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VM
nMR
VM
nQx
tw(L)
VM
tPHL
VM
tREC
nCP
SH00057
0V
0V
VOH
VOL
Waveform 2. Master Reset Pulse Width, Master Reset to Output
Delay and Master Reset to Clock Recovery Time
NOTE: The shaded areas indicate when the input is
permitted to change for predictable output performance.
VM
nDx
VM
VM
VM
VM
nCP
ts(H)
th(H)
ts(L)
th(L)
SH00058
VM
0V
0V
Waveform 3. Data Setup and Hold Times


Similar Part No. - BH16273DL

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH162 ADAM-TECH-BH162 Datasheet
126Kb / 1P
   BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
logo
Rohm
BH1620FVC ROHM-BH1620FVC Datasheet
312Kb / 10P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC-TR ROHM-BH1620FVC-TR Datasheet
312Kb / 10P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
More results

Similar Description - BH16273DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16374 TI1-SN74LVC16374_14 Datasheet
489Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com