Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM6603WS27 Datasheet(PDF) 10 Page - EM Microelectronic - MARIN SA

Part # EM6603WS27
Description  Ultra Low Power Multi I/O Microcontroller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6603WS27 Datasheet(HTML) 10 Page - EM Microelectronic - MARIN SA

Back Button EM6603WS27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6603WS27 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6603WS27 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6603WS27 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6603WS27 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6603WS27 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6603WS27 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6603WS27 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6603WS27 Datasheet HTML 14Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
EM6603
03/02 REV. G/439
Copyright
 2002, EM Microelectronic-Marin SA
10
www.emmicroelectronic.com
Debounced PA0 is connected to CPU TestVar1
Debounced PA1 is connected to CPU TestVar2
Debounced PA2 is connected to CPU TestVar3
Figure 6.Port A
Additionally, PA3 can also be used as the input terminal for the event counter (see section 8).
The input port PA(0:3) also has individually selectable interrupts. Each port has its own interrupt mask bit in the
MPortA register. When an interrupt occurs inspection of the IRQpA and the IntRq registers allows the source
of the interrupt to be identified. The IRQpA register is automatically cleared by a RESET, by reading the
register. Reading IRQpA register also clears the INTPA flag in IntRq register. At initial RESET the MPortA is
set to 0, thus disabling any input interrupts.
See also section 9 for further details about the interrupt controller.
6.2 PortA registers
Table 11.PortA input status register - PortA
Bit
Name
Reset
R/W
Description
3
PA3
-
R
PA3 input status
2
PA2
-
R
PA2 input status
1
PA1
-
R
PA1 input status
0
PA0
-
R
PA0 input status
Table 12.PortA Interrupt request register - IRQpA
Bit
Name
Reset
R/W
Description
3
IRQpa3
0
R
input PA3 interrupt request flag
2
IRQpa2
0
R
input PA2 interrupt request flag
1
IRQpa1
0
R
input PA1 interrupt request flag
0
IRQpa0
0
R
input PA0 interrupt request flag
Table 13.PortA interrupt mask register - MportA
Bit
Name
Reset
R/W
Description
3
MPA3
0
R/W
interrupt mask for input PA3
2
MPA2
0
R/W
interrupt mask for input PA2
1
MPA1
0
R/W
interrupt mask for input PA1
0
MPA0
0
R/W
interrupt mask for input PA0


Similar Part No. - EM6603WS27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6604 EMMICRO-EM6604 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WP11 EMMICRO-EM6604WP11 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WP27 EMMICRO-EM6604WP27 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WS11 EMMICRO-EM6604WS11 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
EM6604WS27 EMMICRO-EM6604WS27 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
More results

Similar Description - EM6603WS27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6604 EMMICRO-EM6604 Datasheet
452Kb / 25P
   Ultra Low Power Multi I/O Microcontroller
logo
Puya Semiconductor Co.,...
PY25Q80HB PUYA-PY25Q80HB Datasheet
2Mb / 80P
   Ultra-Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
P25Q32SH PUYA-P25Q32SH Datasheet
3Mb / 106P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Aug. 10, 2021
P25Q128H PUYA-P25Q128H Datasheet
3Mb / 104P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q128L PUYA-P25Q128L Datasheet
3Mb / 107P
   Ultra Low Power, 128M-bit Serial Multi I/O Flash Memory Datasheet
P25Q80LE PUYA-P25Q80LE Datasheet
2Mb / 73P
   Ultra Low Power, 8M-bit Serial Multi I/O Flash Memory Datasheet
Nov.12, 2019
P25Q64U PUYA-P25Q64U Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q64H PUYA-P25Q64H Datasheet
3Mb / 97P
   Ultra Low Power, 64M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 30, 2020
P25Q32H PUYA-P25Q32H Datasheet
3Mb / 97P
   Ultra Low Power, 32M-bit Serial Multi I/O Flash Memory Datasheet
Sept. 23, 2020
P25Q16SU PUYA-P25Q16SU Datasheet
3Mb / 107P
   Ultra Low Power, 16M-bit Serial Multi I/O Flash Memory Datasheet
Jan. 20, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com