Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9161-120T45U Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G9161-120T45U
Description  400mA High PSRR, LDO Regulators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9161-120T45U Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G9161-120T45U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9161-120T45U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9161-120T45U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9161-120T45U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9161-120T45U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9161-120T45U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9161-120T45U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9161-120T45U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G9161-120T45U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Ver: 1.1
May 16, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G9161
Global Mixed-mode Technology Inc.
Selector Guide
ORDER NUMBER
OUTPUT VOLTAGE (V)
MARKING
G9161-120F1U
1.20
9161AA
G9161-130 F1U
1.30
9161AB
G9161-140 F1U
1.40
9161AC
G9161-150 F1U
1.50
9161AD
G9161-160 F1U
1.60
9161AE
G9161-170 F1U
1.70
9161AF
G9161-180 F1U
1.80
9161AG
G9161-190 F1U
1.90
9161AH
G9161-200 F1U
2.00
9161AI
G9161-210 F1U
2.10
9161AJ
G9161-220F1U
2.20
9161AK
G9161-230F1U
2.30
9161AL
G9161-240F1U
2.40
9161AM
G9161-250F1U
2.50
9161AN
G9161-260F1U
2.60
9161AO
G9161-270F1U
2.70
9161AP
G9161-280F1U
2.80
9161AQ
G9161-285F1U
2.85
9161AR
G9161-290F1U
2.90
9161AS
G9161-300 F1U
3.00
9161AT
G9161-310 F1U
3.10
9161AU
G9161-315 F1U
3.15
9161AV
G9161-320 F1U
3.20
9161AW
G9161-330 F1U
3.30
9161AX
G9161-340 F1U
3.40
9161AY
G9161-350 F1U
3.50
9161AZ
G9161-360 F1U
3.60
9161BA
G9161-370 F1U
3.70
9161BB
G9161-380 F1U
3.80
9161BC
G9161-390 F1U
3.90
9161BD
G9161-400 F1U
4.00
9161BE
G9161-410 F1U
4.10
9161BF
G9161-420 F1U
4.20
9161BG
G9161-430 F1U
4.30
9161BH
G9161-440 F1U
4.40
9161BI
G9161-450 F1U
4.50
9161BJ
G9161-460 F1U
4.60
9161BK
G9161-470 F1U
4.70
9161BL
G9161-475 F1U
4.75
9161BM
G9161-480 F1U
4.80
9161BN
G9161-490 F1U
4.90
9161BO
G9161-500 F1U
5.00
9161BP
F1: SOP-8 (FD)


Similar Part No. - G9161-120T45U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9161 GMT-G9161_15 Datasheet
69Kb / 1P
   400mA High PSRR, LDO Regulators
More results

Similar Description - G9161-120T45U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9161 GMT-G9161_15 Datasheet
69Kb / 1P
   400mA High PSRR, LDO Regulators
G9298 GMT-G9298 Datasheet
65Kb / 1P
   400mA High PSRR, Low Noise, LDO Regulators
G923 GMT-G923 Datasheet
516Kb / 9P
   300mA High PSRR LDO Regulators
logo
Interpoint Corporation ...
G923 INTERPOINT-G923 Datasheet
382Kb / 9P
   300mA High PSRR LDO Regulators
logo
Eutech Microelectronics...
EUP7903 EUTECH-EUP7903 Datasheet
304Kb / 10P
   300mA High PSRR LDO Regulators
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
198Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Global Mixed-mode Techn...
G984 GMT-G984 Datasheet
49Kb / 1P
   300mA High PSRR LDO Regulators
G923 GMT-G923_15 Datasheet
89Kb / 2P
   300mA High PSRR LDO Regulators
logo
Unisonic Technologies
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Advanced Power Electron...
APE8835 A-POWER-APE8835 Datasheet
351Kb / 7P
   300mA HIGH PSRR, LOW NOISE, LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com