Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9133TF1T Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G9133TF1T
Description  3.3V 1A Low Dropout Regulator with Disable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G9133TF1T Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G9133TF1T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G9133TF1T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G9133TF1T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G9133TF1T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G9133TF1T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G9133TF1T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G9133TF1T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G9133TF1T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Ver: 0.7 Preliminary
Jul 12, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G9133
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
(VIN=5V, CIN=10µF, COUT =47µF, TA=25°C, unless otherwise noted.)
0
5
10
15
20
25
30
35
40
45
50
10
100
1000
10000
100000
1000000
Frequency (Hz)
Line Transient Response
Load Transient Response
Short Circuit-Current
Output Noise
Ripple Rejection
IL=500mA
IL=1A
Disable- ON
IL=10mA


Similar Part No. - G9133TF1T

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Global Mixed-mode Techn...
G913 GMT-G913 Datasheet
85Kb / 1P
   300mA Low-Dropout Linear Regulators
logo
Hamamatsu Corporation
G9130-21 HAMAMATSU-G9130-21 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9130-22 HAMAMATSU-G9130-22 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
G9130-23 HAMAMATSU-G9130-23 Datasheet
129Kb / 2P
   InGaAs PIN photodiode with preamp
More results

Similar Description - G9133TF1T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9125 GMT-G9125 Datasheet
234Kb / 9P
   2.5V 1A Low Dropout Regulator with Disable
logo
Silicon Standard Corp.
SS8046 SSC-SS8046 Datasheet
344Kb / 7P
   3.3V 2A Low-Dropout Regulator with Disable
logo
Global Mixed-mode Techn...
G9233 GMT-G9233 Datasheet
297Kb / 8P
   3.3V 2A LOW DROPOUT REGULATOR WITH DISABLE
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS178R00 TSC-TS178R00 Datasheet
184Kb / 5P
   1A Ultra Low Dropout Voltage Regulator w/Disable
logo
International Rectifier
IRU1010-33 IRF-IRU1010-33 Datasheet
76Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Global Mixed-mode Techn...
G9205 GMT-G9205 Datasheet
257Kb / 8P
   5V 2A Low Dropout Regulator with Disable
G9225 GMT-G9225 Datasheet
227Kb / 7P
   2.5V 2A Low Dropout Regulator with Disable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com