Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5910-45TPU Datasheet(PDF) 10 Page - Global Mixed-mode Technology Inc

Part # G5910-45TPU
Description  High-Efficiency White LED Charge Pump
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5910-45TPU Datasheet(HTML) 10 Page - Global Mixed-mode Technology Inc

Back Button G5910-45TPU Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5910-45TPU Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5910-45TPU Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5910-45TPU Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5910-45TPU Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5910-45TPU Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5910-45TPU Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5910-45TPU Datasheet HTML 9Page - Global Mixed-mode Technology Inc G5910-45TPU Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ver: 1.4
May 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
10
G5910
Global Mixed-mode Technology Inc.
TSOT-23-6 (TP) Package
Note:
1. Dimension D does not include mold flash, protrusions or tate burrs. Mold flash, protrusions or gate burrs shall not exceed
0.1mm PER end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or protrusion shall not ex-
ceed 0.15mm PER side.
2. The package top may be smaller than the package bottom. Dimensions D and E1 are determined at the outermost ex-
tremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch
between the top and bottom of the plastic body.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.75
-----
0.90
0.030
-----
0.035
A1
0.00
-----
0.10
0.000
-----
0.004
A2
0.70
0.75
0.80
0.028
0.030
0.031
b
0.35
-----
0.51
0.014
-----
0.020
C
0.10
-----
0.25
0.004
-----
0.010
D
2.80
2.90
3.00
0.110
0.114
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
0.95 BSC
0.0374 BSC
e1
1.90 BSC
0.0748 BSC
L
0.37
-----
-----
0.015
-----
-----
y
-----
-----
0.10
-----
0.004
θ
1
-----
-----
Taping Specification
PACKAGE
Q’TY/REEL
SOT-23-6
3,000 ea
TSOT-23-6
3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
SOT- 23-6、TSOT-23-6 Package Orientation
Feed Direction
SOT- 23-6、TSOT-23-6 Package Orientation
E1
D
E
θ1
L
C
b
A2
A
e1
e
A1
y
E1
D
E
θ1
L
C
b
A2
A
e1
e
A1
y


Similar Part No. - G5910-45TPU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
More results

Similar Description - G5910-45TPU

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
logo
Exar Corporation
SP6682 EXAR-SP6682 Datasheet
812Kb / 13P
   High Efficiency White LED Charge Pump Regulator
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com