Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5122T11U Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G5122T11U
Description  Micro-power Inverting DC/DC Converters in SOT-23-5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5122T11U Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G5122T11U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5122T11U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5122T11U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5122T11U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5122T11U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5122T11U Datasheet HTML 6Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Ver: 0.2 Preliminary
Mar 21, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G5122
Global Mixed-mode Technology Inc.
Package Information
Note:
1. Package body sizes exclude mold flash protrusions or gate burrs
2. Tolerance ±0.1000 mm (4mil) unless otherwise specified
3. Coplanarity: 0.1000mm
4. Dimension L is measured in gage plane
DIMENSIONS IN MILLIMETERS
SYMBOLS
MIN
NOM
MAX
A
1.00
1.10
1.30
A1
0.00
-----
0.10
A2
0.70
0.80
0.90
b
0.35
0.40
0.50
C
0.10
0.15
0.25
D
2.70
2.90
3.10
E
1.40
1.60
1.80
e
-----
1.90(TYP)
-----
e1
-----
0.95
-----
H
2.60
2.80
3.00
L
0.37
------
-----
θ1
Taping Specification
PACKAGE
Q’TY/REEL
SOT-23-5
3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
Feed Direction
SOT-23-5 Package Orientation
Feed Direction
SOT-23-5 Package Orientation


Similar Part No. - G5122T11U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G512 ETC2-G512 Datasheet
340Kb / 1P
   Pulse Transformers, Suitable for Data Interface
logo
Global Mixed-mode Techn...
G5120 GMT-G5120 Datasheet
90Kb / 1P
   600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
G5121 GMT-G5121 Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
G5121TB1U GMT-G5121TB1U Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
More results

Similar Description - G5122T11U

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617 LINER-LT1617_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
LT1617-1 LINER-LT1617-1_15 Datasheet
148Kb / 8P
   Micropower Inverting DC/DC Converters in SOT-23
logo
Global Mixed-mode Techn...
G5111 GMT-G5111_04 Datasheet
431Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
G5103 GMT-G5103 Datasheet
288Kb / 8P
   Micro-power Step-Up DC/DC Converters in SOT-23-5
logo
Analog Intergrations Co...
AIC1653 AIC-AIC1653 Datasheet
220Kb / 11P
   Micropower Inverting DC/DC Converter in SOT-23-5
logo
Global Mixed-mode Techn...
G5104 GMT-G5104 Datasheet
336Kb / 7P
   300mA Alkaline Boost DC/DC Converters in SOT-23-5
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
   1MHz Step-Down DC/DC Converters in SOT-23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com