Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1594ACS Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1594ACS
Description  1A STEP-DOWN PWM REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1594ACS Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1594ACS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1594ACS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1594ACS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1594ACS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1594ACS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1594ACS Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AIC1594
1A STEP-DOWN PWM REGULATOR
SPEC NO: DS-1594-P1 03/23/00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
3
! ELECTRICAL CHARACTERISTICS (T
J=25
°°°°C, VIN=18V)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
4.5
36
V
AIC1594-25 (VIN > 4.5V)
2.5
V
AIC1594-33 (VIN > 4.5V)
3.3
V
AIC1594-50 (VIN > 7.0V )
5.0
V
Fixed Output Voltage
AIC1594-12 (VIN > 15V )
12.0
V
Feedback Voltage
AIC1594 Adjustable
1.25
V
Output Voltage Regulation
4
%
Quiescent Current
Internal switch off
1
5
mA
Shutdown Quiescent Current
SHDN = 5V (OFF)
80
µA
Logic Input High
(Regulator OFF)
2
V
Logic Input Low
(Regulator ON )
0.8
V
Oscillator Frequency
AIC1594A series
150
Oscillator Frequency
AIC1594B series
300
KHz
Output Current Limit
1.0
1.5
A
Over Voltage Protection
120
%
Maximum Duty Cycle
100
%
Efficiency
Vo=5V , Io=2A
90
%


Similar Part No. - AIC1594ACS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1595 AIC-AIC1595 Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-12CM AIC-AIC1595A-12CM Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-12CT AIC-AIC1595A-12CT Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-25CM AIC-AIC1595A-25CM Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
AIC1595A-25CT AIC-AIC1595A-25CT Datasheet
65Kb / 5P
   2A STEP-DOWN PWM REGULATOR
More results

Similar Description - AIC1594ACS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
logo
Linear Technology
LTC3637 LINER-LTC3637_15 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7536 RENESAS-EL7536 Datasheet
488Kb / 9P
   Monolithic 1A Step-Down Regulator
logo
Guangdong Youtai Semico...
LM2591HV UMW-LM2591HV Datasheet
1Mb / 14P
   1A Step-Down Voltage Regulator
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
logo
Linear Technology
LTC3637 LINER-LTC3637 Datasheet
357Kb / 26P
   76V, 1A Step-Down Regulator
logo
Analog Intergrations Co...
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com