Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G2993 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G2993
Description  DDR Termination Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2993 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G2993 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G2993 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G2993 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G2993 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2993 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2993 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2993 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2993 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2993 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ver: 1.3
Jan 13, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G2993
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings (1)
Supply Voltage
PVIN, AVIN, VDDQ to GND……………-0.3V to +6V
Operating Ambient Temperature Range
TA…….…………………………….……...-40°C to +125°C
Maximum Junction Temperature, TJ…..……….….150°C
Storage Temperature Range, TSTG….….-65°C to+150°C
Soldering Temperature, 10seconds, TS……….……260°C
Electrostatic Discharge, VESD
Human body mode..……………………………….2000V
(2)
SOP-8L Thermal Resistance (θJA)….………..…50°C/W
Recommend Operation Range
Operating Ambient Temperature Range
TA…………….…………………….………..-40°C to +85°C
AVIN to GND…………………………………1.6V to +5.5V
PVIN, VDDQ to GND.…………………..……1.6V to AVIN
Note:
(1) :Absolute maximum rating indicates limits beyond which damage to the device may occurs.
(2) : Human body model : C = 100pF, R = 1500Ω, 3 positive pulses plus 3 negative pulses
Electrical Characteristics
Specifications with standard typeface are for TA=25
°°°°C. Unless otherwise specified, AVIN=PVIN=2.5V,
VDDQ=2.5V
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VTT
VTT Output voltage
IOUT=0A
VDDQ=2.3V
VDDQ=2.5V
VDDQ=2.7V
IOUT=
±1.5A
VDDQ=2.3V
VDDQ=2.5V
VDDQ=2.7V
1.115
1.215
1.315
1.115
1.215
1.315
1.15
1.25
1.35
1.15
1.25
1.35
1.19
1.29
1.39
1.19
1.29
1.39
V
V
V
V
V
V
IQ
Quiescent Current
IOUT=0A
120
280
500
µA
ZVDDQ
VDDQ input Impedence
100
K
TSD
Thermal Shutdown
150
°C
Thermal Shutdown Hystersis
25
°C


Similar Part No. - G2993

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
G2991AA HP-G2991AA Datasheet
432Kb / 2P
   Agilent D5000 ScreenTape and High Sensitivity D5000 ScreenTape Assays
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
G2992F1U GMT-G2992F1U Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
More results

Similar Description - G2993

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com